Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 18 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 18 Page - International Rectifier

Back Button IR36021 Datasheet HTML 14Page - International Rectifier IR36021 Datasheet HTML 15Page - International Rectifier IR36021 Datasheet HTML 16Page - International Rectifier IR36021 Datasheet HTML 17Page - International Rectifier IR36021 Datasheet HTML 18Page - International Rectifier IR36021 Datasheet HTML 19Page - International Rectifier IR36021 Datasheet HTML 20Page - International Rectifier IR36021 Datasheet HTML 21Page - International Rectifier IR36021 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
18
TABLE 2: SLEW RATES 
mV/µs 
Fast Rate 
½ Multiplier 
¼ Multiplier 
10 
1 
5.0 
0.5 
2.50 
0.25 
15 
1.5 
7.5 
0.75 
3.75 
0.375 
20 
2 
10 
1 
5.00 
0.5 
25 
2.5 
12.5 
1.25 
6.25 
0.625 
 
It  should  be  noted  that  shutting  down  with  Enable  is 
always  a  soft  shutdown  meaning  that  Vout  is  ramped 
down to 0V (Figure 14). On the other hand, shutdown due 
to  input  under‐voltage  or  most  of  the  faults  is  a  hard 
shutdown  meaning  that  both  high  side  and  low  side  FETs 
are turned off (Figure 15). 
 
TABLE 3: OPTIONS FOR STARTUP SEQUENCING DELAY (COMMON EN) 
Delay [ms] 
0 
0.25 
0.5 
1 
2.5 
5 
10 
 
 
Figure 12: Enable‐based Startup, loop1 follows loop2 with a 
delay of 2.5ms from PGood2 rising edge. 
 
Figure 13: Enable‐based startup, both loops start with a delay of 
2.5ms from EN1 going high. 
 
Figure 14: Enable based shutdown, both loops configured to 
follow EN1. Vout1 and Vout2 are ramped down to 0V. 
 
Figure 15: Vin based shutdown, the high side and low side FETs 
are turned off as soon as Vin falls below UVLO threshold.  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com