Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 28 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 28 Page - International Rectifier

Back Button IR36021 Datasheet HTML 24Page - International Rectifier IR36021 Datasheet HTML 25Page - International Rectifier IR36021 Datasheet HTML 26Page - International Rectifier IR36021 Datasheet HTML 27Page - International Rectifier IR36021 Datasheet HTML 28Page - International Rectifier IR36021 Datasheet HTML 29Page - International Rectifier IR36021 Datasheet HTML 30Page - International Rectifier IR36021 Datasheet HTML 31Page - International Rectifier IR36021 Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
28
Note  that  when  EN  is  pulled  low,  the  device  ramps  down 
Vout. During this time OVP level is equal to the reference 
voltage  (which  is  ramping  down)  plus  the  selected 
threshold (Table 15). When the soft‐stop is done, the level 
is switched to fixed OVP level.  
OVP is disabled whenever Vout is ramped down using I2C 
or PMBus commands. 
TABLE 14: OVP OPTIONS 
OVP_when‐disabled setting 
When active 
On 
IC disabled & IC enabled 
Off 
IC enabled 
 
 
Figure 33: External bias caused OVP2, which shuts down both 
loops (EN2=low), Low‐side MOSFET latched ON for loop2 
 
Figure 34: External bias caused OVP2, which shuts down both 
loops (EN2=low), MOSFET released when output<0.3V for loop2 
Output Under‐voltage Protection (UVP) 
The  IR36021  detects  an  output  under‐voltage  condition  
if  the  sensed  voltage  at  the  CPU  is  below  the  user‐
programmable UVP threshold (Table 15) or a fixed 248mV 
as defined by the VID setting and with or without the load 
line  (Using  the  fixed  or  programmable  threshold,  and  the 
load  line  term  is  user  selectable).  Upon  detecting  an 
output  under‐voltage  condition,  the  IR36021  responds  in 
the  same  manner  as  the  OCP,  according  to  the  setting 
selected in Table 16. 
TABLE 15: OVP/UVP THRESHOLDS 
Value 
Threshold 
0 
150mV 
1 
200mV 
2 
250mV 
3 
325mV 
4 
350mV 
5 
375mV 
6 
400mV 
7 
500mV 
 
Over‐current Protection (OCP) 
The  IR36021  provides  a  user  defined  output  over‐current 
protection limit up to a maximum value of 62A per phase 
per  loop.  For  example,  with  2  phases,  the  OCP  maximum 
would  be  62A*2  phases  =  124A.  To  set  the  OCP  current 
threshold,  the  current  handeling  capability  of  the  power 
stages,  the  inductor  and  the  input  supply  should  be 
considered.  
The  controller  action  in  OCP  is  configurable  as  shown  in 
Table 16.  
TABLE 16: OCP & UVP MODE SELECTION 
OCP/UVP Behavior Mode 
Per phase OCP Threshold (0 to 62A) 
Shutdown immediately  
(cycle power or enable to restart) 
Hiccup 2X before Shutdown 
Hiccup indefinitely 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com