Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 32 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 32 Page - International Rectifier

Back Button IR36021 Datasheet HTML 28Page - International Rectifier IR36021 Datasheet HTML 29Page - International Rectifier IR36021 Datasheet HTML 30Page - International Rectifier IR36021 Datasheet HTML 31Page - International Rectifier IR36021 Datasheet HTML 32Page - International Rectifier IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier IR36021 Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
32
Accuracy Optimization Registers 
The  IR36021  provides  excellent  factory‐trimmed  chip 
accuracy.  In  addition,  the  designer  has  calibration 
capability that can be used to optimize accuracy for a given 
design  with  minimum  component  changes. Once  a  design 
has  been  optimized  the  IR36021  will  provide  excellent 
repeatability  from  board  to  board.  The  IR36021  also 
provides the capability for individual board calibration and 
programming in production for the best accuracy. Table 27 
shows the MTP registers used to fine tune the accuracy of 
the  reported  measurements.  Figures  38  to  40  show  the 
typical  accuracy  of  the  output  current,  input  voltage  and 
output voltage measurements using the IR36021. 
TABLE 27: ACCURACY OPTIMIZATION REGISTERS 
NVM Register 
Function 
IIN Fixed 
Offset 
Offsets the input current in 1/32A steps 
e.g. driver Icc which can be 5‐8mA per 
driver 
IIN Per Phase 
Offset 
Offsets the input current dependent 
upon the number of active phases in 
1/128A steps e.g. the drive current for 
the MOSFET
‟s. This current increases 
every time a new phase is added 
IOUT Current 
Offset 
Offsets the output current from  
‐8A to +7.5A in 0.5A steps (loop 1) and 
‐4A to +3.75A 0.25A steps (loop 2) 
Vout Offset 
Offsets the output voltage +40mV to ‐
35mV in 5mV steps. 
Temperature 
Offset 
Offsets the temperature in 1°C steps 
e.g. to compensate for offset between 
the hottest component and the NTC 
sensing location. 
 
-20%
-15%
-10%
-5%
0%
5%
10%
15%
20%
0
1020
30
40
5060708090
100
E-Load (A)
Iout Error
CPU spec with 7% inductors
 
Figure 38: I2C IOUT Error using 10% DCR inductors 
 
 
-1.0%
-0.5%
0.0%
0.5%
1.0%
11.7
11.8
11.9
12
12.1
12.2
12.3
0
204060
80
100
E-Load (A)
Vin (DMM)
Vin (I2C)
Vin error (2nd axis)
 
Figure 39: I2C Input Voltage Measurements 
-1.00%
-0.75%
-0.50%
-0.25%
0.00%
0.25%
0.50%
0.75%
1.00%
0.850
0.875
0.900
0.925
0.950
0.975
1.000
1.025
1.050
0
20406080
100
E-Load (A)
Vout (DMM)
Vout (I2C)
Vout error (2nd axis)
 
Figure 40: I2C Output Voltage Measurements 
I2C SECURITY 
The  IR36021  provides  robust  and  flexible  security  options  
to  meet  a  wide  variety  of  customer  applications.  
A  combination  of  hardware  pin  and  software  password 
prevents  accidental  overwrites,  discourages  hackers,  
and  secures  custom  configurations  and  operating  data.  
The  Read  and  Write  Security  Zones  can  be  in  set  in  MTP 
(Tables  28  and  29)  with  the  protection  methods  shown  
in Table 30. 
TABLE 28: READ SECURITY ZONES 
Zone 
Access when 
Locked 
Unlocked 
Open 
All 
All 
Configuration 
Control & 
Telemetry 
All 
Telemetry 
Telemetry 
All 
Secure 
None 
All 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com