Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 7 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR36021 Datasheet HTML 3Page - International Rectifier IR36021 Datasheet HTML 4Page - International Rectifier IR36021 Datasheet HTML 5Page - International Rectifier IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier IR36021 Datasheet HTML 10Page - International Rectifier IR36021 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
7
PIN DESCRIPTION 
 
PIN # 
PIN NAME 
PIN DESCRIPTION 
1 
PGood2 
Voltage Regulator Ready Output (Loop #2). Open‐drain output that asserts high when the VR has 
completed soft‐start to Loop #2 boot voltage. 
2 
VSEN1 
Voltage Sense Input Loop#1. This pin is connected directly to the VR output voltage of Loop #1 at 
the load and should be routed differentially with VRTN 
3 
VRTN1 
Voltage Sense Return Input Loop#1. This pin is connected directly to Loop#1 ground at the load 
and should be routed differentially with VSEN. 
4 
RRES 
Current Reference Resistor. A 1% resistor is connected to this pin to set an internal precision 
current reference 
5 
TSEN 
NTC Temperature Sense Input. An NTC network is connected to this pin to measure temperature.  
6 
V18A 
1.8V Decoupling. Two capacitors on this pin provide decoupling for the internal 1.8V supply 
7 
PGood1 
Voltage Regulator Ready Output (Loop #1). Open‐drain output that asserts high when the VR has 
completed soft‐start to Loop #1 boot voltage. 
8 
EN2 
VR Enable Input. ENABLE is an active high system input to power‐on the regulator, provided Vin 
and Vcc are present. ENABLE is not pulled up on the controller. When ENABLE is pulled low, the 
controller de‐asserts PGOOD2 and shuts down the regulator. 
9 
VINSEN 
VIN Voltage Sense Input. This is used to detect a valid 5V‐12V supply voltage and measure the 
input voltage to the VR. 
10 
NC  
11 
VRHOT‐ICRIT 
VRHOT_ICRIT# Output. Active low alert pin that can be programmed to assert if temperature or 
average load current exceeds user‐definable thresholds. 
12 
EN1 
VR Enable Input. ENABLE is an active high system input to power‐on the regulator, provided Vin 
and Vcc are present. ENABLE is not pulled up on the controller. When ENABLE is pulled low, the 
controller de‐asserts PGOOD1 and shuts down the regulator. 
13 
ADDR_PROT 
Bus Address & I2C Bus Protection A resistor to ground on this pin defines the I2C address which is 
latched when VCC becomes valid. Subsequently, this pin becomes a logic input to enable or disable 
communication on the I2C bus, 
14 
SM_ALERT 
SMBus Alert line 
15 
SM_DIO 
Serial Data Line I/O. I2C bus bi‐directional serial data line. 
16 
SM_CLK 
Serial Clock Line Input. I2C bus clock input. 
17 
PWM1a 
Loop 1 Phase 1 Pulse Width Modulation Output. PWM signal pin which is connected to the input 
of an external MOSFET gate driver. The power‐up state is high‐impedance until ENABLE goes 
active. Refer to the TBD section for unused/disabled phases. 
18 
PWM1b 
Loop 1 Phase 2 Pulse Width Modulation Output. PWM signal pin which is connected to the input 
of an external MOSFET gate driver. The power‐up state is high‐impedance until ENABLE goes 
active. Refer to the TBD section for unused/disabled phases. 
19 
PWM2 
Loop 2 Pulse Width Modulation Output. PWM signal pin which is connected to the input of an 
external MOSFET gate driver. The power‐up state is high‐impedance until ENABLE goes active. 
Refer to the TBD section for unused/disabled phases. 
20 
VRTN2 
Voltage Sense Return Input Loop#2. This pin is connected directly to Loop#2 ground at the load 
and should be routed differentially with VSEN. 
21 
VSEN2 
Voltage Sense Input Loop#1. This pin is connected directly to the VR output voltage of Loop #2 at 
the load and should be routed differentially with VRTN 
22 
VCC 
Input supply voltage. 3.3V supply to power the device 
23 
RCSM2 
Resistor Current Sense Minus Loop 2. This pin is connected to an external network to set the 
loadline slope, bandwidth and temperature compensation for Loop #2. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com