Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 15 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 15 Page - International Rectifier

Back Button IR36021 Datasheet HTML 11Page - International Rectifier IR36021 Datasheet HTML 12Page - International Rectifier IR36021 Datasheet HTML 13Page - International Rectifier IR36021 Datasheet HTML 14Page - International Rectifier IR36021 Datasheet HTML 15Page - International Rectifier IR36021 Datasheet HTML 16Page - International Rectifier IR36021 Datasheet HTML 17Page - International Rectifier IR36021 Datasheet HTML 18Page - International Rectifier IR36021 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
15
precision  ADC.  An  anti‐alias  filter  provides  the  necessary 
high frequency noise rejection. The gain and offset of the 
voltage sense circuitry for each loop is factory trimmed to 
deliver the required accuracy. 
CURRENT SENSE 
Lossless inductor DCR or precision resistor current sensing 
is  used  to  accurately  measure  individual  phase  currents. 
Using  a  simple  off‐chip  thermistor,  resistor  and  capacitor 
network  for  each  loop,  a  thermally  compensated  loadline 
is generated to meet the given power system requirement. 
A  filtered  voltage,  which  is  a  function  of  the  total  load 
current and the target loadline resistance, is summed into 
each  voltage  sense  path  to  accomplish  the Active  Voltage 
Positioning (AVP) function. 
MOSFET DRIVER AND DRMOS COMPATIBILITY 
The  output  PWM  signals  of  the  IR36021  are  designed  for 
compatibility  with  the  CHL85xx  family  of  active  tri‐level 
(ATL) MOSFET drivers. CHL85xx drivers have a fast disable 
capability  which  enables  any  phase  to  be  turned  off  
on‐the‐fly.  It  supports  power‐saving  control  modes, 
improved transient response, and superior on the fly phase 
dropping  without  having  to  route  multiple  output  disable 
(ODB or SMOD) signals. 
In  addition,  the  IR36021  provides  the  flexibility  to 
configure  PWM  levels  to  operate  with  external  MOSFET 
drivers  or  driver‐MOSFET  (DrMOS)  devices  that  support 
Industry standard +3.3V tri‐state signaling.  
I2C & PMBUS INTERFACE  
An  I2C  or  PMBus  interface  is  used  to  communicate  with 
the IR36021. This two‐wire serial interface consists of clock  
and  data  signals  and  operates  as  fast  as  1MHz.  The  bus 
provides read and write access to the internal registers for 
configuration and monitoring of operating parameters and 
can also be used to program on‐chip non‐volatile memory 
(MTP) to store operating parameters. 
To  ensure  operation  with  multiple  devices  on  the  bus,  an 
exclusive  address  for  the  IR36021  is  programmed  into 
MTP. The IR36021, additionally, supports pin‐programming 
of the address. 
To  protect  customer  configuration  and  information,  
the  I2C  interface  can  be  completely  locked  to  provide  no 
access  or  configured  for  limited  access  with  a  16‐bit 
software password. Limited access includes both write and 
read  protection  options.  In  addition,  there  is  a  telemetry 
only mode which allows reads from the telemetry registers 
only.  
The  IR36021  provides  a  hardware  pin  security  option  to 
provide extra protection. The protect pin is shared with the 
ADDR_PROT  pin  and  is  automatically  engaged  once  the 
address  is  read.  The  pin  must  be  driven  high  to  disable 
protection.  The  pin  can  be  enabled  or  disabled  by  a 
configuration setting in MTP. 
The  IR36021  supports  the  packet  error  checking  (PEC) 
protocol  and  a  number  of  PMBus  commands  to  monitor 
voltages  and  currents.  Refer  to  the  PMBus  Command 
Codes section on page 37. 
IR DIGITAL POWER DESIGN CENTER (DPDC) GUI 
The  IR  DPDC  GUI  provides  the  designer  with  a 
comprehensive 
design 
environment 
that 
includes  
screens  to  calculate  VR  efficiency  and  DC  error  budget, 
design  the  thermal  compensation  networks  and  feedback 
loops,  and  produce  calculated  Bode  plots  and  output 
impedance plots. The DPDC environment is a key utility for 
design optimization, debug, and validation of designs that 
save  designer  significant  time,  allowing  faster  time‐to‐
market (TTM). 
The  DPDC  also  allows  real‐time  design  optimization  and 
real‐time  monitoring  of  key  parameters  such  as  output 
current  and  power,  input  current  and  power,  efficiency, 
phase currents, temperature, and faults. 
The IR DPDC GUI allows access to the system configuration 
settings  for  switching  frequency,  MOSFET  driver 
compatibility,  soft  start  rate,  automatic  power  state  and 
diode  emulation,  loop  compensation,  transient  control 
system  parameters,  input  under‐voltage,  output  over‐
voltage,  output  under‐voltage,  output  over‐current  and 
over‐temperature. 
PROGRAMMING 
Once a design is complete, the DPDC produces a complete 
configuration file. 
The  configuration  file  can  be  re‐coded  into  an  I2C/PMBus 
master  (e.g.  a  Test  System)  and  loaded  into  the  IR36021 
using the bus protocols described on page 35. The IR36021 
has a special in‐circuit programming mode that allows the 
MTP to be loaded at board test in mass production without 
powering on the entire board. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com