Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 37 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 37 Page - International Rectifier

Back Button IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier IR36021 Datasheet HTML 36Page - International Rectifier IR36021 Datasheet HTML 37Page - International Rectifier IR36021 Datasheet HTML 38Page - International Rectifier IR36021 Datasheet HTML 39Page - International Rectifier IR36021 Datasheet HTML 40Page - International Rectifier IR36021 Datasheet HTML 41Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
37
 
Figure 48: Group Command 
TABLE 34: PMBUS COMMANDS 
COMMAND 
PMBUS 
PROTOCOL 
COMMAND 
CODE 
DESCRIPTION 
OPERATION 
Read/Write Byte 
01h 
Enables or disables IR36021 output and controls 
margining 
CLEAR FAULTS 
Send Byte 
03h 
Clear contents of Fault registers 
CAPABILITY 
Read Byte 
19h 
Returns 1010xxxx to indicate Packet Error 
Checking is supported and Maximum bus speed 
is 400kHz 
VOUT_MODE 
Read/Write Byte 
20h 
Sets the VOUT format to Linear Mode for the 
READ_VOUT, VOUT_MARGIN_LOW, 
VOUT_MARGIN_HIGH commands 
The default is LINEAR mode with exponent ‐9. 
LINEAR Mode: exponent of 1 to ‐16 is supported 
VOUT_MARGIN_HIGH 
Read/Write 
Word 
25h 
Sets the high voltage when commanded by 
OPERATION. Works in conjunction with 
VOUT_MODE. 
VOUT_MARGIN_LOW 
Read/Write 
Word 
26h 
Sets the low voltage when commanded by 
OPERATION. Works in conjunction with 
VOUT_MODE. 
STATUS_BYTE 
Read/Write Byte 
78h 
Returns 1 byte where the bit meanings are: 
Bit <7> device busy fault 
Bit <6> output off (due to fault or enable) 
Bit <5> Output over‐voltage fault 
Bit <4> Output over‐current fault 
Bit <3> Input Under‐voltage fault 
Bit <2> Temperature fault 
Bit <1> Communication/Memory/Logic fault 
Bit <0>: Reserved 
STATUS_WORD 
Read Word 
79h 
Returns 2 bytes where the Low byte is the same 
as the STATUS_BYTE data. The High byte has bit 
meanings are: 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com