Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 9 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR36021 Datasheet HTML 5Page - International Rectifier IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier IR36021 Datasheet HTML 10Page - International Rectifier IR36021 Datasheet HTML 11Page - International Rectifier IR36021 Datasheet HTML 12Page - International Rectifier IR36021 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
9
ABSOLUTE MAXIMUM RATINGS 
 
Supply Voltage (VCC) 
GND‐0.3V to  4.0V 
RCSPx, RCSMx  
0 to 2.2 V 
VSENx,  VRTNx,  ISENx, IRTNx 
GND‐0.2V  to  2.7V 
RRES, V18A, TSEN, VINSEN 
GND‐0.2V  to  2.2V 
PWMx 
GND‐0.3V to VCC 
PGoodx, ENx, ADDR_PROT, VRHOT_ICRIT# 
GND‐0.3V to  VCC 
SM_DIO, SM_CLK, SM_ALERT 
GND‐0.3V to  5.5V 
ESD Rating 
 
Human Body Model 
200V 
Machine Model 
200V  
Charge Device Model 
1000V  
Moisture Sensitivity Level            
JEDEC Level 2@260°C  
 
 
THERMAL INFORMATION 
 
Thermal Resistance (θJA  & θJC)
* 
29ºC/W & 3°C/W  
Maximum Operating Junction Temperature ‐40°C  to +125°C
 
Maximum Storage Temperature Range
 
‐65°C to +150°C
 
Maximum Lead Temperature (Soldering 10s) (SOIC ‐ 
Lead Tips Only) 
300°C
 
 
*  θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings 
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the 
specifications are not implied. These devices are ESD sensitive, observe handling precautions to prevent electrostatic discharge damage. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com