Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 38 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 38 Page - International Rectifier

Back Button IR36021 Datasheet HTML 33Page - International Rectifier IR36021 Datasheet HTML 34Page - International Rectifier IR36021 Datasheet HTML 35Page - International Rectifier IR36021 Datasheet HTML 36Page - International Rectifier IR36021 Datasheet HTML 37Page - International Rectifier IR36021 Datasheet HTML 38Page - International Rectifier IR36021 Datasheet HTML 39Page - International Rectifier IR36021 Datasheet HTML 40Page - International Rectifier IR36021 Datasheet HTML 41Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
38
COMMAND 
PMBUS 
PROTOCOL 
COMMAND 
CODE 
DESCRIPTION 
Bit <7> Output high or low fault 
Bit <6> Output over‐current fault 
Bit <5> Input under‐voltage fault 
Bit <4> Reserved 
Bit <3> Loop is not ready 
Bit <2:0> Reserved 
STATUS_TEMPERATURE 
Read/Write Byte 
7Dh 
Returns Over Temperature warning (VR_HOT 
level) and Over Temperature fault (OTP level). 
Does not report under temperature 
warning/fault. The bit meanings are: 
Bit <7> Over Temperature Fault 
Bit <6> Over Temperature Warning 
Bit <5> Under Temperature Warning 
Bit <4> Under Temperature Fault 
Bit <3:0> Reserved 
STATUS_CML 
Read/Write Byte 
7Eh 
Returns 1 byte where the bit meanings are: 
Bit <7> Command not Supported 
Bit <6> Reserved 
Bit <5> PEC fault 
Bit <4:0> Reserved 
STATUS_MFR_SPECIFIC 
Read/Write Byte 
80h 
Returns 1 byte where the bit meanings are: 
Bit <7:1> Reserved 
Bit <0> Phase Fault 
READ_VIN 
Read Word 
88h 
Returns the input voltage in Volts1 
READ_IIN 
Read Word 
89h 
Returns the input current in Amperes1 
READ_VOUT 
Read Word 
8Bh 
Returns the output voltage in the format set by 
VOUT_MODE 
READ_IOUT 
Read Word 
8Ch 
Returns the output current in Amperes 1 
READ_TEMPERATURE_1 
Read Word 
8Dh 
Returns the addressed loop NTC temperature in 
degrees Celsius 1 
READ_TEMPERATURE_2 
Read Word 
8Eh 
Returns the other loop NTC temperature in 
degrees Celsius 1 
READ_POUT 
Read Word 
96h 
Returns the output power in Watts1 
READ_PIN 
Read Word 
97h 
Returns the input power in Watts1 
PMBUS_REVISION 
Read Byte 
98h 
Reports PMBus Part I rev 1.1 & PMBUs  
Part II rev 1.2(draft) 
MFR_MODEL 
Block Read, 
byte count = 2 
9Ah 
Returns a 2 byte code with the following values: 
Low Byte always = 01h 
High Byte is: 
2Dh = IR36021 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com