Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 1 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 1 Page - International Rectifier

  IR36021 Datasheet HTML 1Page - International Rectifier IR36021 Datasheet HTML 2Page - International Rectifier IR36021 Datasheet HTML 3Page - International Rectifier IR36021 Datasheet HTML 4Page - International Rectifier IR36021 Datasheet HTML 5Page - International Rectifier IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
1
FEATURES 
Dual  output   (2+1)  Digital  Controller  with  proprietary 
control algorithm  
Two‐phase  operation  available  on  Output  #1  for 
powering very high current ASICs and DSPs 
I2C  /PMBus  interface  for  configuration  &  telemetry 
with pin programmable  address 
Operating ambient temperature: ‐40
0C to 850C  
3.3V bias operation 
Independent  loop  switching  frequencies  from  200kHz 
to 2MHz per phase 
IR   Efficiency  Shaping  with  Dynamic  Phase  Control 
(DPC) 
Active Diode Emulation modes for  light load efficiency 
IR  Adaptive  Transient  Algorithm  (ATA)  minimizes 
output bulk capacitors and system cost 
Independent  OVP, UVP, OCP for each output 
Thermal Protection (OTP) and VRHOT# flag 
Multiple  time  programmable  (MTP)  memory  for 
custom configuration 
Flexible I2C bus security features  
Pb‐Free, RoHS, 32‐pin 5mm X 5mm QFN package 
 
 
 
 
 
BASIC APPLICATION 
 
 
Figure 1: IR36021 Basic Application Circuit 
DESCRIPTION 
The  IR36021  is  a  dual‐loop  digital  multi‐phase  buck 
controller designed for point of load applications.  
 
The  IR36021  include  Efficiency  Shaping  Technology  to 
deliver  exceptional  efficiency  at  minimum  cost  across  the 
entire  load  range.  Dynamic  Phase  Control  adds/drops 
active  phases  based  upon  load  current  and  can  be 
configured to enter 1‐phase operation and diode emulation 
mode automatically or by command. 
 
IR’s  unique  Adaptive  Transient  Algorithm  (ATA),  based  on 
proprietary  non‐linear  digital  PWM  algorithms,  minimizes 
output  bulk  capacitors  and  Multiple  Time  Programmable 
(MTP) storage saves pins and enables a small package size. 
Device  configuration  and  fault  parameters  are  easily 
defined using the IR Intuitive Power Designer (IPD) GUI and 
stored in on‐chip MTP. 
 
The  IR36021  provides  extensive  OVP,  UVP,  OCP  and  OTP 
fault protection and includes thermistor based temperature 
sensing with VRHOT signal. 
 
The  IR36021  includes  numerous  features  like  register 
diagnostics  for  fast  design  cycles  and  platform 
differentiation,  truly  simplifying  VRD  design  and  enabling 
fastest  time‐to‐market  (TTM)  with  “set‐and‐forget” 
methodology. 
 
APPLICATIONS 
 Embedded Telecom Systems 
 Netcom Applications 
 Server Application 
 Distributed Point of Load Power Architectures 
PIN DIAGRAM 
 
 
Figure 2: IR36021 Package Top View 


Similar Part No. - IR36021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021MTRPbF IRF-IR36021MTRPbF Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
More results

Similar Description - IR36021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Maxim Integrated Produc...
MAX15301AA02 MAXIM-MAX15301AA02 Datasheet
1Mb / 32P
InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
Rev 0; 2/15
MAX15301 MAXIM-MAX15301 Datasheet
1Mb / 30P
InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
19-6267; Rev 4; 11/13
logo
Analog Devices
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com