Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 29 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 29 Page - International Rectifier

Back Button IR36021 Datasheet HTML 25Page - International Rectifier IR36021 Datasheet HTML 26Page - International Rectifier IR36021 Datasheet HTML 27Page - International Rectifier IR36021 Datasheet HTML 28Page - International Rectifier IR36021 Datasheet HTML 29Page - International Rectifier IR36021 Datasheet HTML 30Page - International Rectifier IR36021 Datasheet HTML 31Page - International Rectifier IR36021 Datasheet HTML 32Page - International Rectifier IR36021 Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
29
Figure 35: OCP on Loop #2 shuts down both loops 
Slow Current Limit 
In  addition  to  the  (fast)  OCP,  a  Slow  Current  Limit  can  be 
programmed to monitor and protect against the long‐term 
average current (Table 17). This allows the system designer 
to operate closer to the TDP level (thermal design power) 
of the system. 
TABLE 17: SLOW OCP 
MTP Register 
Function 
Slow_Imax = 0 
Disabled 
Slow_Imax = non‐zero 
Slow OCP range 2A to 62A  
per phase in 2A steps 
 
The  fast  OCP  threshold  should  be  set  reasonabely  above 
the  slow  OCP  threshold  to  prevent  the  instantaneous 
current spikes from tripping OCP. The fast OCP comparator 
has  a  60kHz  low‐pass  filter  and  the  slow  OCP  comparator 
has a LPF with a programable band‐width of 52Hz or 3.2Hz.  
When the slow OCP is tripped, the VR will shut down based 
upon the OCP behavior set in Table 16. 
Note that the slow OCP protection is disabled during start 
up  and  during  VID  transitions.  In  addition,  depending  on 
the revision of the the GUI, the current thresholds for OCP 
might be set per phase or per rail.  
VR_HOT and Over Temperature Protection (OTP) 
The  IR36021  provides  a  temperature  measurement 
capability  at  the  TSEN  pin  that  is  used  for  over 
temperature  protection,  VR_HOT  flag  and  temperature 
monitoring  on  loop  one.  The  temperature  is  measured 
with  an  NTC  network  that  can  be  positioned  close  to 
thermal  hot  spot.  The  thresholds  are  programmable  in  
1°C  increments  as  shown  in  Table  18.  If  the  measured 
temperature  exceeds  the  OTP  threshold,  the  IR36021  will 
latch off the VR (cycle system power or ENABLE to restart). 
TABLE 18: VR_HOT & OTP 
Function 
VR_HOT polarity 
VR_HOT threshold (64°C to 127°C) 
OTP threshold (VR_HOT + 0°C to 32°C) max 
134°C 
 
The IR36021 includes a pre‐programmed look‐up table that 
is  optimized  for  the  recommended  NTC  options  shown  in 
Table 19. The NTC network is connected to the TSEN pin as 
shown in Figure 36. A 0.01uF capacitor is recommended to 
filter noise. 
TABLE 19: NTC TEMPERATURE SENSE RANGE 
NTC 
Value 
Rparallel 
Murata NCP15WB473F03RC or 
Panasonic ERT‐J0EP473J 
47KΩ 
13KΩ 
 
TSEN
100µA
Rparallel
RNTC
0.01µF
5 ohm
 
Figure 36: Temperature Sense NTC Network 
Icritical Flag 
The  IR36021  VR_HOT_ICRIT  pin  can  be  optionally 
programmed to assert when a user programmable output 
current  level  is  exceeded.  The  assertion  is  not  a  fault  and 
the  VR  continues  to  regulate.  I_CRITICAL  monitors  a  long 
term averaged output current which is a useful indicator of 
average operating current and thermal operation. The user 
can  select  between  two  I_CRITICAL  filters  bandwidths, 
which is called telemetry‐BW. Telemetry‐BW affects other 
readings/measurements  like:  slow‐OCP,  Vin/Vout  reading, 
and temperature measurement. (Table 20). 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com