Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 14 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 14 Page - International Rectifier

Back Button IR36021 Datasheet HTML 10Page - International Rectifier IR36021 Datasheet HTML 11Page - International Rectifier IR36021 Datasheet HTML 12Page - International Rectifier IR36021 Datasheet HTML 13Page - International Rectifier IR36021 Datasheet HTML 14Page - International Rectifier IR36021 Datasheet HTML 15Page - International Rectifier IR36021 Datasheet HTML 16Page - International Rectifier IR36021 Datasheet HTML 17Page - International Rectifier IR36021 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
14
GENERAL DESCRIPTION 
 
The  IR36021  is  a  flexible,  dual‐loop  (dual‐channel),  digital 
multiphase  PWM  buck  controller  optimized  to  convert  a 
12V input supply to a voltage below 2.445V (for VCC>3.1V). 
It is easily configurable for 1‐2 phase operation on Loop #1 
and 0‐1 phase operation on Loop #2. 
The unique partitioning of analog and digital circuits within 
the  IR36021  provides  the  user  with  easy  configuration 
capability  while  maintaining  the  required  accuracy  and 
performance. 
Access 
to 
on‐chip 
Multiple 
Time 
Programming  memory  (MTP)  to  store  the  IR36021 
configuration  parameters  enables  power  supply  designers 
to  optimize  their  designs  without  changing  external 
components.  
The  IR36021  controls  two  independent  output  voltages. 
Each  voltage  is  controlled  in  an  identical  fashion,  so  that 
the  user  can  configure  and  optimize  each  control  loop 
individually.  Unless  otherwise  described,  the  following 
functions  are  performed  on  the  IR36021  on  each  control 
loop independently. 
DIGITAL CONTROLLER & PWM  
A  linear  Proportional‐Integral‐Derivative  (PID)  digital 
controller  provides  the  loop  compensation  for  system 
regulation. The digitized error voltage from the high‐speed 
voltage error ADC is processed by the digital compensator. 
The digital PWM generator uses the outputs of the PID and 
the phase current balance control signals to determine the 
pulse  width  for  each  phase  on  each  loop.  The  PWM 
generator  has enough  resolution  to  ensure  that  there  are 
no  limit  cycles.  The  compensator  coefficients  are  user 
configurable  to  enable  optimized  system  response.  
The  compensation  algorithm  uses  a  PID  with  two 
additional  programmable  poles.  This  provides  the  digital 
equivalent of a Type III analog compensator. 
ADAPTIVE TRANSIENT ALGORITHM (ATA) 
Dynamic  load  step‐up  and  load  step‐down  transients 
require  fast  system  response  to  maintain  the  output 
voltage  within  specification  limits.  This  is  achieved  by  a 
unique  adaptive  non‐linear  digital  transient  control  loop 
based on a proprietary algorithm.  
MULTIPLE TIME PROGRAMMING MEMORY 
The multiple time programming memory (MTP) stores the 
device  configuration.  At  power‐up,  MTP  contents  are 
transferred to operating registers for access during device 
operation.  MTP  allows  customization  during  both  design 
and  high‐volume  manufacturing.  MTP  integrity  is  verified 
by  cyclic  redundancy  code  (CRC)  checking  on  each  power 
up. The controller will not start in the event of a CRC error.  
The  IR36021  offers  up  to  9  writes  to  configure  basic  
device  parameters  such  as  frequency  fault  operating 
characteristics,  and  boot  voltage.  This  represents  a 
significant  size  and  component  saving  compared  to 
traditional  analog  methods.  The  following  pseudo‐code 
illustrates how to write the MTP: 
# write data 
Set MTP Command Register = WRITE,  
Line Pointer = An unused line 
Poll MTP Command Register until Operation = IDLE. 
# verify data was written correctly 
Issue a READ Command; then poll OTP Operation Register  
till Operation = IDLE  
Verify that the Read Succeeded 
INTERNAL OSCILLATOR 
The  IR36021  has  a  single  96MHz  internal  oscillator  that 
generates  all  the  internal  system  clock  frequencies 
required  for  proper  device  function.  The  single  internal 
oscillator  is  also  used  to  set  the  switching  frequency  on 
each loop. The switching frequency for the two loops can 
be  set  to  different  values  independently.  Therefore,  the 
two channels switch asynchronously. 
HIGH‐PRECISION VOLTAGE REFERENCE  
The  internal  high‐precision  voltage  reference  supplies  the 
required  reference  voltages  to  the  DACs,  ADCs  and  other 
analog  circuits.  This  factory  trimmed  reference  is 
guaranteed  over 
temperature 
and 
manufacturing 
variations.  
HIGH PRECISION CURRENT REFERENCE 
An  on‐chip  precision  current  reference  is  derived  using  
an off‐chip precision resistor connected to the RRES pin of 
the IR36021. RRES must be a 7.5kΩ, 1% tolerance resistor, 
placed  very  close  to  the  controller  pin  to  minimize 
parasitics.  
VOLTAGE SENSE  
An error voltage is generated from the difference between 
the target voltage and load‐line (if implemented), and the 
differential,  remotely  sensed,  output  voltage.  For  each 
loop,  the  error  voltage  is  digitized  by  a  high‐speed,  high‐
PWM1
PWM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com