Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 20 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR36021 Datasheet HTML 16Page - International Rectifier IR36021 Datasheet HTML 17Page - International Rectifier IR36021 Datasheet HTML 18Page - International Rectifier IR36021 Datasheet HTML 19Page - International Rectifier IR36021 Datasheet HTML 20Page - International Rectifier IR36021 Datasheet HTML 21Page - International Rectifier IR36021 Datasheet HTML 22Page - International Rectifier IR36021 Datasheet HTML 23Page - International Rectifier IR36021 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
20
MOSFET DRIVER AND POWIRSTAGE SELECTION 
The  PWM  signals  from  the  active  phases  of  the  IR36021  
are  designed  to  operate  industry  standard  tri‐state  type 
drivers or PowIRstage
® devices. The logic operation for the 
tri‐state drivers is depicted in Figures 18. 
Note  that  the  PWM  outputs  are  tri‐stated  whenever  the 
controller is disabled (EN = low), the shut‐down ramp has 
completed or before the soft‐start ramp is initiated. 
 
Figure 18: 3.3V Tri‐state Driver Logic Levels 
OUTPUT VOLTAGE DIFFERENTIAL SENSING 
The  IR36021  VCPU  and  VRTN  pins  for  each  loop  are 
connected to the load sense pins of each output voltage to 
provide true differential remote voltage sensing with high 
common‐mode rejection. Each loop has a high bandwidth 
error  amplifier  that  generates  the  error  voltage  between 
this remote sense voltage and the target voltage. The error 
voltage is digitized by a fast, high‐precision ADC.  
As  shown  in  Figure  19,  the  Vsen  and  Vrtn  inputs  have  a 
2KΩ pull‐up to an internal 1V rail. This causes some current 
flow  in  the  Vsen  and  Vrtn  lines  so  external  impedance 
should  be  kept  to  a  minimum  to  avoid  creating  an  offset  
in the sensed output voltage. 
 
Figure 19: Output Voltage sensing impedance 
CURRENT SENSING  
The IR36021 provides per phase current sensing to support 
accurate  Adaptive  Voltage  Positioning  (AVP),  current 
balancing,  and  over‐current  protection.  The  differential 
current sense scheme supports both lossless inductor DCR 
and  per  phase  precision  resistor  current  sensing 
techniques. 
For  DCR  sensing,  a  suitable  resistor‐capacitor  network  of 
Rsen and Csen is connected across the inductor in each phase 
as  shown  in  Figure  20.  The  time  constant  of  this  RC 
network is set to equal the inductor time constant (L/DCR) 
such  that  the  voltage  across  the  capacitor  Csen  is  equal  to 
the voltage across the inductor DCR. 
L_out
DCR
R_ISEN
R_IRTN
Rsen
Csen
IRTN
ISEN
Vout
+
-
I
Iphase
 
Figure 20: DCR Current Sensing 
A  current  proportional  to  the  inductor  current  in  each 
phase  is  generated  and  used  for  per  phase  current 
balancing.  The  individual  phase  current  signals  are 
summed to arrive at the total current. 
The  phase  currents  and  total  current  are  quantized  by  
the  monitor  ADC  and  used  to  implement  the  current 
monitoring  and  OCP  features.  The  total  current  is  also 
summed  with  the  output  the  output  voltage  DAC  (VID 
DAC) to implement the AVP function (load‐line function).  
The  recommended  value  for  Csen  is  a  100nF  NPO  type 
capacitor. To prevent undershooting of the output voltage 
during  load  transients,  the  Rsen  resistor  can  be  calculated 
by: 
DCR
C
out
L
R
sen
sen
_
*
05
.
1
 
Identical  resistors  (R_ISEN  and  R_IRTN)  are  connected  to 
the ISEN and IRTN pins of each phase for the best common 
mode rejection. The required value is: 
R_ISEN, R_IRTN = 301Ω, 1% resistor 
These  components  must  be  placed  close  to  the  IR36021 
pins. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com