Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 4 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 4 Page - International Rectifier

  IR36021 Datasheet HTML 1Page - International Rectifier IR36021 Datasheet HTML 2Page - International Rectifier IR36021 Datasheet HTML 3Page - International Rectifier IR36021 Datasheet HTML 4Page - International Rectifier IR36021 Datasheet HTML 5Page - International Rectifier IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
4
+3.3V
Vo1
VINSEN
PWM1b
PWM1a
PGood1
VSEN1
VCC
RRES
V18A
VRTN1
IRTN1a
RCSP1
IRTN1b
RCSM1
ISEN1b
ISEN1a
Vin
L
O
A
D
RCS
CCS
Rseries
Rseries
RTh
RVIN_1
RVIN_2
PGood2
TSEN
RTh2
GND
PWM2
ISEN2
IRTN2
ADDR_PROT
Vo2
L
O
A
D
VSEN2
VRTN2
EN2
From
System
SM_CLK
SM_DIO
SM_ALERT#
RCSP2
RCSM2
RCS
CCS
Rseries
Rseries
RTh
EN1
VRHOT_ICRIT#
V
Vcc
GND
PWM
5V
Boot
Switch
12V
Vdrv
Vcc
GND
PWM
5V
Boot
Switch
12V
Vdrv
Vcc
GND
PWM
5V
Boot
Switch
12V
Vdrv
     
                    Figure 5: Dual‐loop VR using IR36021 Controller and IR PowerStage in 2+1 Configuration 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com