Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR36021 Datasheet(PDF) 23 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 23 Page - International Rectifier

Back Button IR36021 Datasheet HTML 19Page - International Rectifier IR36021 Datasheet HTML 20Page - International Rectifier IR36021 Datasheet HTML 21Page - International Rectifier IR36021 Datasheet HTML 22Page - International Rectifier IR36021 Datasheet HTML 23Page - International Rectifier IR36021 Datasheet HTML 24Page - International Rectifier IR36021 Datasheet HTML 25Page - International Rectifier IR36021 Datasheet HTML 26Page - International Rectifier IR36021 Datasheet HTML 27Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
23
Even though the loadline is disabled digitally, the resistors 
and  loadline  and  scaling  registers  should  be  set  such  that 
the load line is at least 3 times the value of low ohmic DCR 
inductors  (<0.5mΩ)  or  1  times  the  DCR  value  for  high 
ohmic  inductors  (>0.5mΩ),  e.g.  if  the  inductor(s)  DCR  is 
0.3mΩ,  a  notional  0.9  mΩ  load  line  should  be  set.  For 
accurate current measurement and OCP threshold with the 
loadline  disabled,  the  output  current  gain  and  scaling 
registers must be set to the same value as the loadline set 
with the external resistor network. With loadline disabled, 
the  thermistor  and  Css  capacitor  must  still  be  installed  to 
insure accuracy of the current measurement. 
DIGITAL FEEDBACK LOOP & PWM 
The  IR36021  uses  a  digital  feedback  loop  to  minimize  the 
requirement  for  output  decoupling  and  maintain  a  tightly 
regulated  output  voltage.  The  error  between  the  target 
and  the  output  voltage  is  digitized.  This  error  voltage  is 
then  passed  through  a  low  pass  filter  to  smooth  ripple  
and  then  passed  through  a  PID  (Proportional  Integral 
Derivative)  compensator  followed  by  an  additional  single 
pole  filter.  The  loop  compensation  parameters  Kp 
(proportional  coefficient),  KI  (integral  coefficient),  and  KD 
(derivative  coefficient)  and  low‐pass  filter  pole  locations 
are  user  configurable  to  optimize  the  VR  design  for  the 
chosen external components. 
The  IR36021  significantly  reduces  design  time  because  
the  loop  coefficients  need  to  be  calculated  only  once. 
Simply enable any number of phases (1 or 2 for loop1) and 
design  the  compensation  coefficients.  The  IR36021  will 
intelligently  scale  the  coefficients  and  low‐pass  filters 
automatically  as  one  phase  is  dynamically  added  and 
dropped to maintain optimum stability. In other words, the 
loop‐band‐width does not change significantly (decreases a 
little)  as  the  loop  switches  from  2‐phase  to  1‐phase 
operation. 
Each  of  the  proportional,  integral  and  derivative  terms  is  
a  6‐bit  value  stored  in  MTP  that  is  decoded  by  the  IC’s 
digital code.  This  allows  the designer to  set  the  converter 
bandwidth and phase margin to the desired values. 
The compensator transfer function is defined as  
2
1
1
1
1
1
)
(
p
s
p
s
s
Kd
s
Ki
Kp
 
where ωp1  and ωp2  are  configurable  poles  typically 
positioned  to  filter  noise  and  ripple  and  roll  off  the  high‐
frequency gain that the KD term creates. 
The  outputs  of  the  compensator  and  the  phase  current 
balance  block  are  fed  into  a  digital  PWM  pulse  generator 
to  generate  the  PWM  pulses  for  the  active  phases.  
The  digital  PWM  generator  has  a  native  time  resolution  
of  625ps  which  is  combined  with  digital  dithering  to 
provide  an  effective  PWM  resolution  of  156.25ps.  
This  ensures  that  there  is  no  limit  cycling when  operating 
at the highest switching frequency. 
ADAPTIVE TRANSIENT ALGORITHM (ATA) 
The  IR36021  Adaptive  Transient  Algorithm  (ATA)  is  a  high 
speed  non‐linear  control  technique  that  speeds  up  the 
controller  response  to  loading  transients  and  reduces  the 
required output bulk capacitance for reduced system cost. 
ATA  is  not  very  effective  for  single‐phase  rails  (loop2).  In 
addition,  it  is  more  effective  when  used  in  conjunction 
with the load‐line. 
A  high‐speed  digitizer  measures  both  the  magnitude  and 
slope  of  the  error  signal  to  predict  the  load  current 
transient.  If  the  magnitude  and  slope  of  the  error  signal 
exceed predefined thresholds, the ATA is activated. When 
activated,  the  ATA  bypasses  the  PID  control  momentarily 
during  load  transients  to  achieve  very  wideband  closed 
loop  control  and  smoothly  transitions  back  to  PID  control 
during steady state load conditions. During ATA operation, 
the width of the PWM pulses is not changed. However, the 
positions  of  the  pulses  are  changed.  For  example,  in  a 
loading  transient  when  ATA  is  activated,  the  PWM  pulses 
come  closer  in  all  active  phases  to  compensate  for  the 
undershoot caused by the transient.   Figure 25 illustrates 
the  transient  performance  improvement  provided  by  the 
ATA  showing  the  clear  reduction  in  undershoot  and 
overshoot  and  recovery  time.  Figure  26  is  a  close  up  of  a 
loadstep illustrating the fast reaction time of ATA and how 
the  algorithm  changes  the  pulse  phase  relationships.  ATA 
settings/thresholds can be modified in the GUI. In addition, 
it can be disabled if desired. The ATA settings are stored in 
MTP memory. 
During  a  load  transient  overshoot,  the  ATA  can  also  be 
programmed to turn off the low‐side MOSFETS instead of 
holding  them  on.  This  forces  the  load  current  to  flow 
through the larger forward voltage of the FET body diode 
and  helps  to  reduce  the  overshoot  created  during  a  load 
release (Figure 27). This is not recommended when there is 
no  load‐line  and  there  is  no  steady  state  load.  This  is 
because  unloading  creates  a  Vout  overshoot  and  without 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com