Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
Page 13
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
2.4.3. Receiver
All receiver tests are performed with RxBw = 10 kHz (Single Side Bandwidth) as programmed in RegRxBw, receiving a
PN15 sequence with a BER of 0.1% (Bit Synchronizer is enabled), unless otherwise specified. The LNA impedance is set
to 200 Ohms, by setting bit LnaZin in RegLna to 1. Blocking tests are performed with an unmodulated interferer. The
wanted signal power for the Blocking Immunity, ACR, IIP2, IIP3 and AMR tests is set 3 dB above the nominal sensitivity
level.
Table 6
Receiver Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
RFS_F
FSK sensitivity, highest LNA gain
FDA = 5 kHz,
BR = 1.2 kb/s
FDA = 5 kHz,
BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s
-
-
-
-118
-114
-105
-
-
-
dBm
dBm
dBm
FDA = 5 kHz, BR = 1.2 kb/s*
-
-120
-
dBm
RFS_O
OOK sensitivity, highest LNA gain
BR = 4.8 kb/s
-
-112
-109
dBm
CCR
Co-Channel Rejection
-13
-10
-
dB
ACR
Adjacent Channel Rejection
Offset = +/- 25 kHz
Offset = +/- 50 kHz
-
37
42
42
-
-
dB
dB
BI
Blocking Immunity
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
-45
-40
-32
-
-
-
dBm
dBm
dBm
Blocking Immunity
Wanted signal at sensitivity
+16dB
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
-36
-33
-25
-
-
-
dBm
dBm
dBm
AMR
AM Rejection , AM modulated
interferer with 100% modulation
depth, fm = 1 kHz, square
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
-45
-40
-32
-
-
-
dBm
dBm
dBm
IIP2
2nd order Input Intercept Point
Unwanted tones are 20 MHz
above the LO
Lowest LNA gain
Highest LNA gain
-
-
+75
+35
-
-
dBm
dBm
IIP3
3rd order Input Intercept point
Unwanted tones are 1MHz and
1.995 MHz above the LO
Lowest LNA gain
Highest LNA gain
-
-23
+20
-18
-
-
dBm
dBm
BW_SSB
Single Side channel filter BW
Programmable
2.6
-
500
kHz
IMR_OOK
Image rejection in OOK mode
Wanted signal level = -106 dBm
27
30
-
dB
TS_RE
Receiver wake-up time, from PLL
locked state to RxReady
RxBw = 10 kHz, BR = 4.8 kb/s
RxBw = 200 kHz, BR = 100 kb/s
-
-
1.7
96
-
-
ms
us
TS_RE_AGC
Receiver wake-up time, from PLL
locked state, AGC enabled
RxBw= 10 kHz, BR = 4.8 kb/s
RxBw = 200 kHz, BR = 100 kb/s
-
3.0
163
ms
us
TS_RE_AGC
&AFC
Receiver wake-up time, from PLL
lock state, AGC and AFC enabled
RxBw= 10 kHz, BR = 4.8 kb/s
RxBw = 200 kHz, BR = 100 kb/s
4.8
265
ms
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com