Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 40Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 43Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 45Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
Page 44
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
5.5. Packet Mode
5.5.1. General Description
In Packet mode the NRZ data from the demodulator is not directly accessed by the uC but stored in the FIFO and
accessed via the SPI interface.
In addition, the RF65 packet handler performs several packet oriented tasks such as Preamble and Sync word check,
CRC check, dewhitening of data, Manchester decoding, address filtering, AES decryption, etc. This simplifies software and
reduces uC overhead by performing these repetitive tasks within the RF chip itself.
Another important feature is ability to empty the FIFO in Sleep/Stdby mode, ensuring optimum power consumption and
adding more flexibility for the software.
CONTROL
DIO0
DIO1
DIO2
DIO3
DIO4
DIO5
Data
Rx
SYNC
RECOG.
PACKET
HANDLER
FIFO
(+SR)
SPI
NSS
SCK
MOSI
MISO
Figure 27. Packet Mode Conceptual View
Note
The Bit Synchronizer is automatically enabled in Packet mode.
5.5.2. Packet Format
5.5.2.1. Fixed Length Packet Format
Fixed length packet format is selected when bit PacketFormat is set to 0 and PayloadLength is set to any value greater
than 0.
In applications where the packet length is fixed in advance, this mode of operation may be of interest to minimize RF
overhead (no length byte field is required). All nodes should be programmed with the same packet length value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com