Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
Page 35
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Idle
Rx
Idle
Rx
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Upon detection of a valid packet, the sequencing is altered, as shown below:
PayloadReady
ListenCriteria
passed
ListenEnd = 00
Listen Mode
Idle
Rx
ListenEnd = 01
ListenEnd = 10
Listen Mode
Listen Mode
Idle
Rx
Mode
Figure 18. Listen Mode Sequence (wanted signal is received)
Listen mode can be disabled by writing ListenOn to 0
4.3.4. RC Timer Accuracy
All timings of the Listen Mode rely on the accuracy of the internal low-power RC oscillator. This oscillator is automatically
calibrated at the device power-up, and it is a user-transparent process.
For applications enduring large temperature variations, and for which the power supply is never removed, RC calibration
can be performed upon user request. RcCalStart in RegOsc1 can be used to trigger this calibration, and the flag
RcCalDone will be set automatically when the calibration is over.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com