Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
Page 30
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
4. Operating Modes
4.1. Basic Modes
The circuit can be set in 4 different basic modes which are described in Table 12.
By default, when switching from a mode to another one, the sub-blocks are woken up according to a pre-defined and
optimized sequence. Alternatively, these operating modes can be selected directly by disabling the automatic sequencer
(SequencerOff in RegOpMode = 1).
Table 12 Basic Receiver Modes
ListenOn
in RegOpMode
Mode
in RegOpMode
Selected mode
Enabled blocks
0
0 0 0
Sleep Mode
None
0
0 0 1
Stand-by Mode
Top regulator and crystal oscillator
0
0 1 0
FS Mode
Frequency synthesizer
0
1 0 0
Receive Mode
Frequency synthesizer and receiver
1
x
Listen Mode
See Listen Mode, section 4.3
4.2. Automatic Sequencer and Wake-Up Times
By default, when switching from one operating mode to another, the circuit takes care of the sequence of events in such a
way that the transition timing is optimized. For example, when switching from Sleep mode to Receive mode, the RF65
goes first to Standby mode (XO started), then to frequency synthesizer mode, and finally, when the PLL has locked, to
Receive mode.
The crystal oscillator wake-up time, TS_OSC, is directly related to the time for the crystal oscillator to reach its steady
state. It depends notably on the crystal characteristics.
The frequency synthesizer wake-up time, TS_FS, is directly related to the time needed by the PLL to reach its steady
state. The signal PLL_LOCK, provided on an external pin, gives an indication of the lock status. It goes high when the
PLL reaches its locking range.
Three specific cases can be highlighted:
Receiver Wake Up time from Sleep mode
= TS_OSC + TS_FS + TS_RE
Receiver Wake Up time from Sleep mode, AGC enabled
= TS_OSC + TS_FS + TS_RE_AGC
Receiver Wake Up time from Sleep mode, AGC and AFC enabled
= TS_OSC + TS_FS + TS_RE_AGC&AFC
These timings are detailed in section 4.2.1.
In applications where the target average power consumption, or the target startup time, do not require setting the RF65 in
the lowest power modes (Sleep or Standby), the respective timings TS_OSC and TS_FS in the former equations can be
omitted.
4.2.1. Receiver Startup Time
It is highly recommended to use the built-in sequencer of the RF65, to optimize the delays when setting the chip in
receive mode. It guarantees the shortest startup times, hence the lowest possible energy usage, for battery operated
systems.
The startup times of the receiver can be calculated from the following:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com