Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
Page 55
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
6.2. Common Configuration Registers
Table 20 Common Configuration Registers
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description
RegFifo
(0x00)
7-0
Fifo
rw
0x00
FIFO data output
RegOpMode
(0x01)
7
SequencerOff
rw
0
Controls the automatic Sequencer (see section 4.2 ):
0
→ Operating mode as selected with Mode bits in
RegOpMode is automatically reached with the Sequencer
1
→ Mode is forced by the user
6
ListenOn
rw
0
Enables Listen mode:
0 → Off (see section 4.3)
1
→ On
5
ListenAbort
w
0
Aborts Listen mode when set together with ListenOn=0
and new Mode selection in 1 SPI access (see section 4.3)
Always reads 0.
4-2
Mode
rw
001
Receiver
‟s operating modes:
000
→ sleep mode (SLEEP)
001
→ standby mode (STDBY)
010
→ frequency synthesizer mode (FS)
100
→ receiver mode (RX)
others
→ reserved
Reads the value corresponding to the current chip mode
1-0
-
r
00
unused
RegDataModul
(0x02)
7
-
r
0
unused
6-5
DataMode
rw
00
Data processing mode:
00
→ Packet mode
01
→ reserved
10
→ Continuous mode with bit synchronizer
11
→ Continuous mode without bit synchronizer
4-3
ModulationType
rw
00
Modulation scheme:
00
→ FSK
01
→ OOK
10 - 11
→ reserved
2-0
-
r
000
unused
RegBitrateMsb
(0x03)
7-0
BitRate(15:8)
rw
0x1a
MSB of Bit Rate (Chip Rate when Manchester encoding is
enabled)
RegBitrateLsb
(0x04)
7-0
BitRate(7:0)
rw
0x0b
LSB of Bit Rate (Chip Rate if Manchester encoding is
enabled)
BitRate = --------
F
----
X
----
O
-----
S
---
C
----------
BitRate(15,0)
Default value: 4.8 kb/s
Reserved05
(0x05)
7-0
-
r
0x00
unused
Reserved06
(0x06)
7-0
-
r
0x52
unused
RegFrfMsb
(0x07)
7-0
Frf(23:16)
rw
0xe4
MSB of the RF Local Oscillator
RegFrfMid
(0x08)
7-0
Frf(15:8)
rw
0xc0
Middle byte of the RF Local Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com