Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 45Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 48Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
Page 48
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
The receiver sees the AES decryption time as a sequential delay before the PayloadReady interrupt is available.
In Fixed length mode the Message part of the payload that can be decrypted can be 64 bytes long. If the address filtering is
enabled, the length of the payload should be at max 65 bytes in this case.
In Variable length mode the Max message size that can be decrypted is also 64 bytes whether address comparison is
enabled or not. Thus, including length byte, the length of the payload is either 65 or 66 bytes (the latter when address
comparison is enabled) at max.
Crc check being performed on encrypted data, CrcOk interrupt will occur "decryption time" before PayloadReady interrupt.
5.5.5. Handling Large Packets
When Payload length exceeds FIFO size (66 bytes) whether in fixed, variable or unlimited length packet format, in addition
to PayloadReady or CrcOk in Rx, the FIFO interrupts/flags can be used as described below:
FIFO must be unfilled "on-the-fly" during Rx to prevent FIFO overrun.
1) Start reading bytes from the FIFO when FifoNotEmpty or FifoThreshold becomes set.
2) Suspend reading from the FIFO if FifoNotEmpty clears before all bytes of the message have been read
3) Continue to step 1 until PayloadReady or CrcOk fires
4) Read all remaining bytes from the FIFO either in Rx or Sleep/Standby mode
Note
AES decryption is not feasible on large packets, since all Payload bytes need to be in the FIFO at the same time to
perform decryption
5.5.6. Packet Filtering
RF65's packet handler offers several mechanisms for packet filtering, ensuring that only useful packets are made
available to the uC, reducing significantly system power consumption and software complexity.
5.5.6.1. Sync Word Based
Sync word filtering/recognition is used for identifying the start of the payload and also for network identification. As
previously described, the Sync word recognition block is configured (size, error tolerance, value) in RegSyncValue
registers. This information is used to filter packets in Rx.
Every received packet which does not start with this locally configured Sync word is automatically discarded and no
interrupt is generated.
When the Sync word is detected, payload reception automatically starts and SyncAddressMatch is asserted.
Note
Sync Word values containing 0x00 byte(s) are forbidden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com