Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 39Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 40Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Page 39
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
The frame ends when NSS goes high. The next frame must start with an address byte. The SINGLE access mode is
actually a special case of FIFO / BURST mode with only 1 data byte transferred.
During the write access, the byte transferred from the slave to the master on the MISO line is the value of the written
register before the write operation.
5.2.2. FIFO
5.2.2.1. Overview and Shift Register (SR)
In packet mode of operation, data that has been received is stored in a configurable FIFO (First In First Out) device. It is
accessed via the SPI interface and provides several interrupts for transfer management.
The FIFO is 1 byte wide hence it only performs byte (parallel) operations, whereas the demodulator functions serially. A
shift register is therefore employed to interface the two devices. In Rx the shift register gets bit by bit data from the
demodulator and writes them byte by byte to the FIFO. This is illustrated in Figure 22.
byte1
byte0
FIFO
Rx Data
1
8
SR (8bits)
MSB
LSB
Figure 22. FIFO and Shift Register (SR)
Note
When switching to Sleep mode, the FIFO can only be used once the ModeReady flag is set (quasi immediate from
all modes)
5.2.2.2. Size
The FIFO size is fixed to 66 bytes.
5.2.2.3. Interrupt Sources and Flags
FifoNotEmpty: FifoNotEmpty interrupt source is low when byte 0, i.e. whole FIFO, is empty. Otherwise it is high. Note
that when retrieving data from the FIFO, FifoNotEmpty is updated on NSS falling edge, i.e. when FifoNotEmpty is
updated to low state the currently started read operation must be completed. In other words, FifoNotEmpty state
must be checked after each read operation for a decision on the next one (FifoNotEmpty = 1: more byte(s) to read;
FifoNotEmpty = 0: no more byte to read).
FifoFull: Fifofull interrupt source is high when the last FIFO byte, i.e. the whole FIFO, is full. Otherwise it is low.
FifoOverrunFlag: FifoOverrunFlag is set when a new byte is written by the SR while the FIFO is already full. Data is lost
and the flag should be cleared by writing a 1, note that the FIFO will also be cleared.
FifoLevel: Threshold can be programmed by FifoThreshold in RegFifoThresh. Its behavior is illustrated in figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com