Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 28Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
Page 29
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
3.4.18. Temperature Sensor
When temperature is measured, the receiver ADC is used to digitize the sensor response. Most receiver blocks are
disabled, and temperature measurement can only be triggered in Standby or Frequency Synthesizer modes.
The response of the temperature sensor is -1°C / Lsb. A CMOS temperature sensor is not accurate by nature, therefore it
should be calibrated at ambient temperature for precise temperature readings.
TempValue
-1
°C/Lsb
TempValue(t)
TempValue(t)-1
Returns 150d (typ.)
Needs calibration
-40
°C
t t+1
Ambient
+85
°C
Figure 13. Temperature Sensor Response
It takes less than 100 microseconds for the RF65 to evaluate the temperature (from setting TempMeasStart to 1 to
TempMeasRunning reset).
3.4.19. Timeout Function
The RF65 includes a Timeout function, which allows it to automatically shut-down the receiver after a receive sequence
and therefore save energy.
Timeout interrupt is generated TimeoutRxStart x 8 x Tbit after switching to RX mode if RssiThreshold flag does not raise
within this time frame
Timeout interrupt is generated TimeoutRssiThresh x 8 x Tbit after RssiThreshold flag has been raised.
This timeout interrupt can be used to warn the companion processor to shut down the receiver and return to a lower power
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com