Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
Page 65
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
6.6. Temperature Sensor Registers
Table 24 Temperature Sensor Registers
Name
(Address)
Bits Variable Name
Mode
Default
Value
Description
RegTemp1
(0x4E)
7-4
-
r
0000
unused
3
TempMeasStart
w
0
Triggers the temperature measurement when set. Always
reads 0.
2
TempMeasRunning
r
0
Set to 1 while the temperature measurement is running.
Toggles back to 0 when the measurement has completed.
The receiver can not be used while measuring
temperature
1-0
-
r
01
unused
RegTemp2
(0x4F)
7-0
TempValue
r
-
Measured temperature
-1°C per Lsb
Needs calibration for accuracy
6.7. Test Registers
Table 25 Test Registers
Name
(Address)
Bits Variable Name
Mode
Default
Value
Description
RegTestLna
(0x58)
7-0
SensitivityBoost
rw
0x1B
High sensitivity or normal sensitivity mode:
0x1B
→ Normal mode
0x2D
→ High sensitivity mode
RegTestDagc
(0x6F)
7-0
ContinuousDagc
rw
0x30
*
Fading Margin Improvement, refer to 3.4.4
0x00
→ Normal mode
0x10
→ Improved margin, use if AfcLowBetaOn=1
0x30
→ Improved margin, use if AfcLowBetaOn=0
RegTestAfc
(0x71)
7-0
LowBetaAfcOffset
rw
0x00
AFC offset set for low modulation index systems, used if
AfcLowBetaOn=1.
Offset = LowBetaAfcOffset x 488 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com