Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 43Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 45Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 48Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
Page 46
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Optional Address byte (Node ID)
Message data
Optional 2-bytes CRC checksum
DC free Data decoding
CRC checksum calculation
AES Decryption
Preamble
0 to 65535
bytes
Sync W ord
0 to 8 bytes
Length
byte
Address
byte
Message
Up to 255 bytes
CRC
2-bytes
Fields processed and removed in Rx
Payload
(min 2 bytes)
Optional User provided fields which are part of the payload
Message part of the payload
Figure 29. Variable Length Packet Format
5.5.2.3. Unlimited Length Packet Format
Unlimited length packet format is selected when bit PacketFormat is set to 0 and PayloadLength is set to 0.
The user can then receive packets of arbitrary length and PayloadLength register is not used in Rx modes for counting the
length of the bytes received. This mode is a replacement for the legacy buffered mode in RF63/RF64 transceivers.
The data processing features like Address filtering, Manchester decoding and data dewhitening are not available if the
sync pattern length is set to zero (SyncOn = 0). The CRC detection is also not supported in this mode of the packet
handler. The interrupts like CrcOk & PayloadReady are not available either.
An unlimited length packet shown in is made up of the following fields:
DC free Data decoding
Preamble
0 to 65535
bytes
Sync Word
0 to 8 bytes
Address
byte
Message
unlimited length
Payload
Fields processed and removed in Rx
Message part of the payload
Optional User provided fields which are part of the payload
Figure 30. Unlimited Length Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com