Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RF65 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Page 1
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Part Number
Delivery
MOQ / Multiple
RF65
Tape & Reel
3000 pieces
Low Power Integrated UHF Receiver With -120dBm High Sensitivity
VBAT1&2
VR_ANA
VR_DIG
Power Distribution System
RC
Oscillator
RFIN
LNA
Single to
Differential
Mixers
Σ/Δ
Modulators
RESET
SPI
Division by
2, 4 or 6
RSSI
AFC
GND
Tank
Inductor
Loop
NC
Filter
NC
NC
Frac-N PLL
Synthesizer
XO
32 MHz
DIO0
DIO1
DIO2
DIO3
DIO4
DIO5
GENERAL DESCRIPTION
XTAL
GND
KEY PRODUCT FEATURES
The RF65 is a highly integrated RF receiver capable of
operation over a wide frequency range, including the
3 1 5 , 433,868 and 915 MHz license-free ISM (Industry
Scientific and Medical) frequency bands. Its highly
integrated architecture allows for a minimum of external
components whilst maintaining maximum design flexibility.
All major RF communication parameters are programmable
and most of them can be dynamically set. The RF65 offers
the unique advantage of programmable narrow-band and
wide-band communication modes without the need to
modify external components. The RF65 is optimized for
low power consumption while offering high sensitivity and
channelized operation. TrueRF
™ technology enables a
lowcost external component count (elimination of the SAW
filter) whilst still satisfying ETSI and FCC regulations.
APPLICATIONS
Automated Meter Reading
Wireless Sensor Networks
Home and Building Automation
Wireless Alarm and Security Systems
Industrial Monitoring and Control
High Sensitivity: down to -120 dBm at 1.2 kbps
High Selectivity: 16-tap FIR Channel Filter
Bullet-proof front end: IIP3 = -18 dBm, IIP2 = +35 dBm,
80 dB Blocking Immunity, no Image Frequency response
Low current: Rx = 16 mA, 100nA register retention
Constant RF performance over voltage range of chip
FSK Bit rates up to 300 kb/s
Fully integrated synthesizer with a resolution of 61 Hz
FSK, GFSK, MSK, GMSK and OOK demodulation
Built-in Bit Synchronizer performing Clock Recovery
Incoming Sync Word Recognition
115 dB+ Dynamic Range RSSI
Automatic RF Sense with ultra-fast AFC
Packet engine with CRC, AES-128 encryption and 66-
byte FIFO
Built-in temperature sensor and Low Battery indicator
ORDERING INFORMATION
MARKETS
Europe: EN 300-220-1
North America: FCC Part 15.247, 15.249,
15.231
Narrow Korean and Japanese bands
QFN 28 Package - Operating Range [-40;+85°C]
Pb-free, Halogen free, RoHS/WEEE compliant product


Similar Part No. - RF65

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504PCK-410 RFMD-RF6504PCK-410 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF65

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
Low-Power, integrated UHF transceiver
logo
Semtech Corporation
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
Ultra-Low Power Integrated UHF Receiver
SX1213 SEMTECH-SX1213 Datasheet
1Mb / 65P
Ultra-Low Power Integrated UHF Receiver
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
Low Power Integrated UHF Receiver
SX1239 SEMTECH-SX1239_11 Datasheet
899Kb / 73P
Low Power Integrated UHF Receiver
logo
Microchip Technology
MRF39RA MICROCHIP-MRF39RA Datasheet
1Mb / 72P
Low-Power, Integrated UHF Receiver
01/27/15
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007_04 Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com