Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Page 34
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Notes - the accuracy of the typical timings given in Table 13 will depend in the RC oscillator calibration
- RC oscillator calibration is required, and must be performed at power up. See section 4.3.4 for details
4.3.2. Criteria
The criteria taken for detecting a wanted signal and hence deciding to maintain the receiver on is defined by ListenCriteria
in RegListen1.
Table 14 Signal Acceptance Criteria in Listen Mode
ListenCriteria
Input Signal Power
>= RssiThreshold
SyncAddressMatch
0
Required
Not Required
1
Required
Required
4.3.3. End of Cycle Actions
The action taken after detection of a packet, is defined by ListenEnd in RegListen3, as described in the table below.
Table 15 End of Listen Cycle Actions
ListenEnd
Description
00
Chip stays in Rx mode. Listen mode stops and must be disabled.
01
Chip stays in Rx mode until PayloadReady or Timeout interrupt occurs. It then goes to the
mode defined by Mode. Listen mode stops and must be disabled.
10
Chip stays in Rx mode until PayloadReady or Timeout interrupt occurs. Listen mode then
resumes in Idle state. FIFO content is lost at next Rx wakeup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com