Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 72Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
Page 68
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Table 32 Receiver BOM
Designator
315 MHz
433 MHz
868 MHz
915 MHz
Type
C3, C4, C5, C8
100 nF
X7R
C6, C7
15 pF
COG
L1
39 nH
33 nH
-
-
Wirewound
air core or
multilayer
(1)
air core or
multilayer
(1)
C1
-
-
5.6 pF
5.6 pF
COG
C2
12 pF
12 pF
6.8 nH
5.6 nH
Notes
- (1) Inductor values may change when using multilayer type components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com