Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Page 53
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Address
Register Name
Reset
(built-in)
Default
(recom
mended)
Description
0x1A
RegAfcBw
0x8A
0x8B
Channel Filter BW control during the AFC routine
0x1B
RegOokPeak
0x40
OOK demodulator selection and control in peak mode
0x1C
RegOokAvg
0x80
Average threshold control of the OOK demodulator
0x1D
RegOokFix
0x06
Fixed threshold control of the OOK demodulator
0x1E
RegAfcFei
0x10
AFC and FEI control and status
0x1F
RegAfcMsb
0x00
MSB of the frequency correction of the AFC
0x20
RegAfcLsb
0x00
LSB of the frequency correction of the AFC
0x21
RegFeiMsb
0x00
MSB of the calculated frequency error
0x22
RegFeiLsb
0x00
LSB of the calculated frequency error
0x23
RegRssiConfig
0x02
RSSI-related settings
0x24
RegRssiValue
0xFF
RSSI value in dBm
0x25
RegDioMapping1
0x00
Mapping of pins DIO0 to DIO3
0x26
RegDioMapping2
0x05
0x07
Mapping of pins DIO4 and DIO5, ClkOut frequency
0x27
RegIrqFlags1
0x80
Status register: PLL Lock state, Timeout, RSSI > Threshold...
0x28
RegIrqFlags2
0x00
Status register: FIFO handling flags, Low Battery detection...
0x29
RegRssiThresh
0xFF
0xE4
RSSI Threshold control
0x2A
RegRxTimeout1
0x00
Timeout duration between Rx request and RSSI detection
0x2B
RegRxTimeout2
0x00
Timeout duration between RSSI detection and PayloadReady
0x2C
Reserved2C
0x00
-
0x2D
Reserved2D
0x03
-
0x2E
RegSyncConfig
0x98
Sync Word Recognition control
0x2F-0x36
RegSyncValue1-8
0x00
0x01
Sync Word bytes, 1 through 8
0x37
RegPacketConfig1
0x10
Packet mode settings
0x38
RegPayloadLength
0x40
Payload length setting
0x39
RegNodeAdrs
0x00
Node address
0x3A
RegBroadcastAdrs
0x00
Broadcast address
0x3B
RegAutoModes
0x00
Auto modes settings
0x3C
RegFifoThresh
0x0F
0x8F
Fifo threshold
0x3D
RegPacketConfig2
0x02
Packet mode settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com