Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
Page 60
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
6.4. IRQ and Pin Mapping Registers
Table 22 IRQ and Pin Mapping Registers
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description
RegDioMapping1
(0x25)
7-6
Dio0Mapping
rw
00
Mapping of pins DIO0 to DIO5
See Table 17 for mapping in Continuous mode
See Table 18 for mapping in Packet mode
5-4
Dio1Mapping
rw
00
3-2
Dio2Mapping
rw
00
1-0
Dio3Mapping
rw
00
RegDioMapping2
(0x26)
7-6
Dio4Mapping
rw
00
5-4
Dio5Mapping
rw
00
3
-
r
0
unused
2-0
ClkOut
rw
111
*
Selects CLKOUT frequency:
000
→ FXOSC
001
→ FXOSC / 2
010
→ FXOSC / 4
011
→ FXOSC / 8
100
→ FXOSC / 16
101
→ FXOSC / 32
110
→ RC (automatically enabled)
111
→ OFF
RegIrqFlags1
(0x27)
7
ModeReady
r
1
Set when the operation mode requested in Mode, is ready
- Sleep: Entering Sleep mode
- Standby: XO is running
- FS: PLL is locked
- Rx: RSSI sampling starts
Cleared when changing operating mode.
6
RxReady
r
0
Set in Rx mode, after RSSI, AGC and AFC.
Cleared when leaving Rx.
5
-
r
0
unused
4
PllLock
r
0
Set (in FS and Rx) when the PLL is locked.
Cleared when it is not.
3
Rssi
rwc
0
Set in Rx when the RssiValue exceeds RssiThreshold.
Cleared when leaving Rx.
2
Timeout
r
0
Set when a timeout occurs (see TimeoutRxStart and
TimeoutRssiThresh)
Cleared when leaving Rx or FIFO is emptied.
1
AutoMode
r
0
Set when entering Intermediate mode.
Cleared when exiting Intermediate mode.
Please note that in Sleep mode a small delay can be
observed between AutoMode interrupt and the
corresponding enter/exit condition.
0
SyncAddressMatch
r/rwc
0
Set when Sync and Address (if enabled) are detected.
Cleared when leaving Rx or FIFO is emptied.
This bit is read only in Packet mode, rwc in Continuous
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com