Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Page 8
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
This product datasheet contains a detailed description of the RF65 performance and functionality.
.
1. General Description
The RF65 is a single-chip integrated circuit ideally suited for today's high performance ISM band RF applications. The
RF65's advanced features set, including state of the art packet engine greatly simplifies system design whilst the high
level of integration reduces the external BOM to a handful of passive decoupling and matching components. It is intended
for use as high-performance, low-cost FSK and OOK RF receiver for robust frequency agile RF links, and where stable
and constant RF performance is required over the full operating range of the device down to 1.8V.
The RF65 is intended for applications over a wide frequency range, including the 433 MHz and 868 MHz European and
the 902-928 MHz North American ISM bands. Coupled with a very aggressive sensitivity, the advanced system features of
the RF65 include a 66 byte RX FIFO, configurable automatic packet handler, listen mode,
temperature sensor and
configurable DIOs which greatly enhance system flexibility whilst at the same time significantly reducing MCU
requirements.
The RF65 complies with both ETSI and FCC regulatory requirements and is available in a 5 x 5 mm QFN 28 lead
package
1.1. Simplified Block Diagram
VBAT1&2
VR_ANA
VR_DIG
Power Distribution System
RC
Oscillator
LNA
Single to
Differential
Mixers
Σ/Δ
Modulators
RFIN
RESET
SPI
Tank
Inductor
Loop
NC
Filter
NC
NC
Division by
2, 4 or 6
Frac-N PLL
Synthesizer
XO
32 MHz
RSSI
AFC
GND
DIO0
DIO1
DIO2
DIO3
DIO4
DIO5
Frequency Synthesis
Receiver Blocks
XTAL
GND
Control Blocks
Primarily Analog
Primarily Digital
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com