Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
Page 18
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
3.4.2. LNA - Single to Differential Buffer
The LNA uses a common-gate topology, which allows for a flat characteristic over the whole frequency range. It is
designed to have an input impedance of 50 Ohms or 200 Ohms (as selected with bit LnaZin in RegLna), and the parasitic
capacitance at the LNA input port is cancelled with the external RF choke. A single to differential buffer is implemented to
improve the second order linearity of the receiver.
The LNA gain, including the single-to-differential buffer, is programmable over a 48 dB dynamic range, and control is either
manual or automatic with the embedded AGC function.
Note
In the specific case where the LNA gain is manually set by the user, the receiver will not be able to properly handle
FSK signals with a modulation index smaller than 2 at an input power greater than the 1dB compression point,
tabulated in section 3.4.3.
Table 8
LNA Gain Settings
LnaGainSelect
LNA Gain
Gain Setting
000
Any of the below, set by the AGC loop
-
001
Max gain
G1
010
Max gain - 6 dB
G2
011
Max gain - 12 dB
G3
100
Max gain - 24 dB
G4
101
Max gain - 36 dB
G5
110
Max gain - 48 dB
G6
111
Reserved
-
3.4.3. Automatic Gain Control
By default (LnaGainSelect = 000), the LNA gain is controlled by a digital AGC loop in order to obtain the optimal sensitivity/
linearity trade-off.
Regardless of the data transfer mode (Packet or Continuous), the following series of events takes place when the receiver
is enabled:
The receiver stays in WAIT mode, until RssiValue exceeds RssiThreshold for two consecutive samples. Its power
consumption is the receiver power consumption.
When this condition is satisfied, the receiver automatically selects the most suitable LNA gain, optimizing the sensitivity/
linearity trade-off.
The programmed LNA gain, read-accessible with LnaCurrentGain in RegLna, is carried on for the whole duration of the
packet, until one of the following conditions is fulfilled:
Packet mode: if AutoRxRestartOn = 0, the LNA gain will remain the same for the reception of the following packet. If
AutoRxRestartOn = 1, after the controller has emptied the FIFO the receiver will re-enter the WAIT mode described
above, after a delay of InterPacketRxDelay, allowing for the distant transmitter to ramp down, hence avoiding a false
RSSI detection. In both cases (AutoRxRestartOn=0 or AutoRxRestartOn=1), the receiver can also re-enter the WAIT
mode by setting RestartRx bit to 1. The user can decide to do so, to manually launch a new AGC procedure.
Continuous mode: upon reception of valid data, the user can decide to either leave the receiver enabled with the same
LNA gain, or to restart the procedure, by setting RestartRx bit to 1, resuming the WAIT mode of the receiver, described
above.
Notes - the AGC procedure must be performed while receiving preamble in FSK mode
- in OOK mode, the AGC will give better results if performed while receiving a constant
“1” sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com