Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
Page 22
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
fc = --- ------
The default value of DccFreq cutoff frequency is typically 4% of the RxBw (channel filter BW). The cutoff frequency of the
DCC can however be increased to slightly improve the sensitivity, under wider modulation conditions. It is advised to adjust
the DCC setting while monitoring the receiver sensitivity.
3.4.8. Complex Filter - OOK
In OOK mode the RF65 is modified to a low-IF architecture. The IF frequency is automatically set to half the single side
bandwidth of the channel filter (FIF = 0.5 x RxBw). The Local Oscillator is automatically offset by the IF in the OOK receiver.
A complex filter is implemented on the chip to attenuate the resulting image frequency by typically 30 dB.
Note
this filter is automatically bypassed when receiving FSK signals (ModulationType = 00 in RegDataModul).
3.4.9. RSSI
The RSSI block evaluates the amount of energy available within the receiver channel bandwidth. Its resolution is 0.5 dB,
and it has a wide dynamic range to accommodate both small and large signal levels that may be present. Its acquisition
time is very short, taking only 2 bit periods. The RSSI sampling must occur during the reception of preamble in FSK, and
constant
“1” reception in OOK.
Note
- The receiver is capable of automatic gain calibration, in order to improve the precision of its RSSI measurements.
This function injects a known RF signal at the LNA input, and calibrates the receiver gain accordingly. This
calibration is automatically performed during the PLL start-up, making it a transparent process to the end-user.
- RssiValue can only be read when it exceeds RssiThreshold
3.4.10. Cordic
The Cordic task is to extract the phase and the amplitude of the modulation vector (I+j.Q). This information, still in the
digital domain is used:
Phase output: used by the FSK demodulator and the AFC blocks.
Amplitude output: used by the RSSI block, for FSK demodulation, AGC and automatic gain calibration purposes.
Real-time
Magnitude
Q(t)
Real-time Phase
I(t)
Figure 7. Cordic Extraction
3.4.11. Bit Rate Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com