Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
Page 19
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
The following figure illustrates the AGC behavior::
Towards
-125 dBm
16dB
7dB
11dB
9dB
11dB
Pin [dBm]
G1
G2
G3
G4
G5
G6
Higher Sensitivity
Lower Linearity
Lower Noise Figure
Lower Sensitivity
Higher Linearity
Higher Noise Figure
Figure 6. AGC Thresholds Settings
The following table summarizes the performance (typical figures) of the complete receiver:
Table 9
Receiver Performance Summary
Input Power
Pin
Gain
Setting
Receiver Performance (typ)
P-1dB
[dBm]
NF
[dB]
IIP3
[dBm]
IIP2
[dBm]
Pin < AgcThresh1
G1
-37
7
-18
+35
AgcThresh1 < Pin < AgcThresh2
G2
-31
13
-15
+40
AgcThresh2 < Pin < AgcThresh3
G3
-26
18
-8
+48
AgcThresh3 < Pin < AgcThresh4
G4
-14
27
-1
+62
AgcThresh4 < Pin < AgcThresh5
G5
>-6
36
+13
+68
AgcThresh5 < Pin
G6
>0
44
+20
+75
3.4.3.1. RssiThreshold Setting
For correct operation of the AGC, RssiThreshold in RegRssiThresh must be set to the sensitivity of the receiver. The
receiver will remain in WAIT mode until RssiThreshold is exceeded.
Note
When AFC is enabled and performed automatically at the receiver startup, the channel filter used by the receiver
during the AFC and the AGC is RxBwAfc instead of the standard RxBw setting. This may impact the sensitivity of
the receiver, and the setting of RssiThreshold accordingly
3.4.3.2. AGC Reference
The AGC reference level is automatically computed in the RF65, according to:
AGC Reference [dBm] = -174 + NF + DemodSnr +10.log(2*RxBw) + FadingMargin [dBm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com