Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 29Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Page 33
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
4.3. Listen Mode
The circuit can be set to Listen mode, by setting ListenOn in RegOpMode to 1 while in Standby mode. In this mode,
RF65 spends most of the time in Idle mode, during which only the RC oscillator runs. Periodically the receiver is woken up
and listens for an RF signal. If a wanted signal is detected, the receiver is kept on and the data is demodulated.
Otherwise, if a wanted signal hasn't been detected after a pre-defined period of time, the receiver is disabled until the next
time period.
This periodical Rx wake-up requirement is very common in low power applications. On RF65 it is handled locally by the
Listen mode block without using uC resources or energy.
The simplified timing diagram of this procedure is illustrated in Figure 17.
tListenIdle
Rx
Idle
Rx
time
tListenRx
tListenRx
Figure 17. Listen Mode Sequence (no wanted signal is received)
4.3.1. Timings
The duration of the Idle phase is given by tListenIdle. The time during which the receiver is on and waits for a signal is given
by tListenRx. tListenRx includes the wake-up time of the receiver, described in section 4.2.1. This duration can be
programmed in the configuration registers via the serial interface.
Both time periods tListenRx and tListenIdle (denoted tListenX in the following text) are fixed by two parameters from the
configuration register and are calculated as follows:
t
ListenX = ListenCoefX ⋅ Listen Re solX
where ListenResolX is the Rx or Idle resolution and is independantly programmable on three values (64us, 4.1ms or
262ms), whereas ListenCoefX is an integer between 1 and 255. All parameters are located in RegListen registers.
The timing ranges are tabulated in Table 13 below.
Table 13 Range of Durations in Listen Mode
ListenResolX
Min duration
( ListenCoef = 1 )
Max duration
( ListenCoef = 255 )
01
64 us
16 ms
10
4.1 ms
1.04 s
11
0.26 s
67 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com