Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF65 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Page 17
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
3.3.4. Lock Time
PLL lock time TS_FS is a function of a number of technical factors, such as synthesized frequency, frequency step, etc.
When using the built-in sequencer, the RF65 optimizes the startup time and automatically starts the receiver when the
PLL has locked. To manually control the startup time, the user should either wait for TS_FS max given in the specification,
or monitor the signal PLL lock detect indicator, which is set when the PLL has is within its locking range.
When performing an AFC, which usually corrects very small frequency errors, the PLL response time is approximately:
In a frequency hopping scheme, the timings TS_HOP given in the table of specifications give an order of magnitude for the
expected lock times.
3.3.5. Lock Detect Indicator
A lock indication signal can be made available on some of the DIO pins, and is toggled high when the PLL reaches its
locking range. Please refer to Table 17 and Table 18 to map this interrupt to the desired pins.
3.4. Receiver Description
The RF65 features a digital receiver with the analog to digital conversion process being performed directly following the
LNA-Mixers block. The zero-IF receiver is able to handle (G)FSK and (G)MSK modulation. ASK and OOK modulation is,
however, demodulated by a low-IF architecture. All the filtering, demodulation, gain control, synchronization and packet
handling is performed digitally, which allows a very wide range of bit rates and frequency deviations to be selected. The
receiver is also capable of automatic gain calibration in order to improve precision on RSSI measurements.
3.4.1. Block Diagram
Rx Calibration
Reference
RFIN
LNA
Single to
Differential
Mixers
Σ/Δ
Modulators
Channel
Filter
DC
Cancellation
Complex
Filter
CORDIC
Phase
Output
Module
Output
RSSI
FSK
Demodulator
OOK
Demodulator
Local
Oscillator
AFC
Bypassed
in FSK
AGC
Figure 5. Receiver Block Diagram
The following sections give a brief description of each of the receiver blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com