Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
RF69
Page 13
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
FSTEP
Frequency synthesizer step
FSTEP = FXOSC/219
-
61.0
-
Hz
FRC
RC Oscillator frequency
After calibration
-
62.5
-
kHz
BRF
Bit rate, FSK
Programmable
1.2
-
300
kbps
BRO
Bit rate, OOK
Programmable
1.2
-
32.768
kbps
FDA
Frequency deviation, FSK
Programmable
FDA + BRF/2 =< 500 kHz
0.6
-
300
kHz
2.4.3. Receiver
All receiver tests are performed with RxBw = 10 kHz (Single Side Bandwidth) as programmed in RegRxBw, receiving a
PN15 sequence with a BER of 0.1% (Bit Synchronizer is enabled), unless otherwise specified. The LNA impedance is set
to 200 Ohms, by setting bit LnaZin in RegLna to 1. Blocking tests are performed with an unmodulated interferer. The
wanted signal power for the Blocking Immunity, ACR, IIP2, IIP3 and AMR tests is set 3 dB above the nominal sensitivity
level.
Table 6
Receiver Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
RFS_F
FSK sensitivity, highest LNA gain
FDA = 5 kHz,
BR = 1.2 kb/s
FDA = 5 kHz,
BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s
-
-
-
-118
-114
-105
-
-
-
dBm
dBm
dBm
FDA = 5 kHz, BR = 1.2 kb/s *
-
-120
-
dBm
RFS_O
OOK sensitivity, highest LNA gain
BR = 4.8 kb/s
-
-112
-109
dBm
CCR
Co-Channel Rejection
-13
-10
-
dB
ACR
Adjacent Channel Rejection
Offset = +/- 25 kHz
Offset = +/- 50 kHz
-
37
42
42
-
-
dB
dB
BI
Blocking Immunity
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
66
71
79
-
-
-
dB
dB
dB
Blocking Immunity
Wanted signal at sensitivity
+16dB
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
62
65
73
-
-
-
dB
dB
dB
AMR
AM Rejection , AM modulated
interferer with 100% modulation
depth, fm = 1 kHz, square
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
66
71
79
-
-
-
dB
dB
dB
IIP2
2nd order Input Intercept Point
Unwanted tones are 20 MHz
above the LO
Lowest LNA gain
Highest LNA gain
-
-
+75
+35
-
-
dBm
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com