Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RF69 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
RF69
Page 1
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Part Number
Delivery
MOQ / Multiple
RF69
Tape & Reel
3000 pieces
Low Power Integrated UHF Transceiver with On-Chip +20dBm PA
VBAT1&2
VR_ANA
VR_DIG
Power Distribution System
RC
Oscillator
RFIO
LNA
Single to
Differential
Mixers

Modulators
RESET
SPI
GND
Di vision by
2, 4 or 6
RSSI
AFC
RXTX
VR_PA
PA_BOOS T
PA0
Ramp &
Control
PA1&2
Tank
Inductor
Loop
Filter
Frac-N PLL
Synthesizer
XO
32 MHz
DIO0
DIO1
DIO2
DIO3
DIO4
DIO5
GENERAL DESCRIPTION
XTAL
GND
KEY PRODUCT FEATURES
The RF69 is a highly integrated RF transceiver capable of
operation over a wide frequency range, including the 433,
868 and 915 MHz license-free ISM (Industry Scientific and
Medical) frequency bands. Its highly integrated architecture
allows for a minimum of external components whilst
maintaining maximum
design flexibility. All major RF
communication parameters are programmable and most of
them
can be dynamically set. The RF69 offers the
unique advantage of programmable narrow-band and wide-
band communication modes without the need to modify
external components. The RF69 is optimized for low power
consumption while offering high RF output power and
channelized operation. TrueR
F™ technology enables a low-
cost external component count (elimination of the SAW
filter) whilst still satisfying ETSI and FCC regulations.
APPLICATIONS
 Automated Meter eading
 Wireless Sensor Networks
 Homeand Building Automation
 Wireless Alarm and Security Systems
 Industrial Monitoring and Control
 Wireless M-BUS
+20 dBm - 100 mW Power Output Capability
High Sensitivity: down to -120 dBm at 1.2 kbps
High Selectivity: 16-tap FIR Channel Filter
Bullet-proof front end: IIP3 = -18 dBm, IIP2 = +35 dBm,80
dB Blocking Immunity, no Image Frequency response
Low current: Rx = 16 mA, 100nA register retention
Programmable Pout: -18 to +20 dBm in 1dB steps
Constant RF performance over voltage range of chip
FSK Bit rates up to 300 kb/s
Fully integrated synthesizer with a resolution of 61 Hz
FSK, GFSK, MSK, GMSK and OOK modulations
Built-in Bit Synchronizer performing Clock Recovery
Incoming Sync Word Recognition
115 dB+ Dynamic Range RSSI
Automatic RF Sense with ultra-fast AFC
Packet engine with CRC-16, AES-128, 66-byte FIFO
Built-in temperature sensor
ORDERING INFORMATION
MARKETS
 Europe: EN 300-220-1
 North America: FCC Part 15.247, 15.249, 15.231
QFN 28 Package - Operating Range [-40;+85°
C]
Pb-free, Halogen free, RoHS/WEEE compliant product


Similar Part No. - RF69

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
More results

Similar Description - RF69

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
Low-power, integrated UHF transceiver
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
Low-Power, integrated UHF transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
SX1231H SEMTECH-SX1231H Datasheet
970Kb / 82P
Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
SX1231J SEMTECH-SX1231J Datasheet
970Kb / 82P
Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
Low Power Integrated UHF Transceiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com