Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 30Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 31Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 32Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 33Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 34Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
RF69
Page 34
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
3.4.17. Temperature Sensor
When temperature is measured, the receiver ADC is used to digitize the sensor response. Most receiver blocks are
disabled, and temperature measurement can only be triggered in Standby or Frequency Synthesizer modes.
The response of the temperature sensor is -1°
C / Lsb. A CMOS temperature sensor is not accurate by nature, therefore it
should be calibrated at ambient temperature for precise temperature readings.
TempValue
-1
°
C/Lsb
TempValue(t)
TempValue(t)-1
Returns 150d (typ.)
Needs calibration
-40
°
C
t t+1
Ambient
+85
°
C
Figure 16. Temperature Sensor Response
It takes less than 100 microseconds for the RF69 to evaluate the temperature (from setting TempMeasStart to 1 to
TempMeasRunning reset).
3.4.18. Timeout Function
The RF69 includes a Timeout function, which allows it to automatically shut-down the receiver after a receive
sequence and therefore save energy.
 Timeout interrupt is generated TimeoutRxStart x 16x Tbit after switching to RX mode if RssiThreshold flag does not
raise within this time frame
 Timeout interrupt is generated TimeoutRssiThresh x 16 x Tbit after RssiThreshold flag has been raised.
This timeout interrupt can be used to warn the companion processor to shut down the receiver and return to a lower power
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com