Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
RF69
Page 21
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
3.3.5. Modulation Shaping
Modulation shaping can be applied in both OOK and FSK modulation modes, to improve the narrowband response of the
transmitter. Both shaping features are controlled with PaRamp bits in RegPaRamp.
In FSK mode, a Gaussian filter with BT = 0.3, 0.5 or 1 is used to filter the modulation stream, at the input of the
sigma-delta modulator. If the Gaussian filter is enabled when the RF69 is in Continuous mode, DCLK signal on pin
10 (DIO1/DCLK) will trigger an interrupt on the uC each time a new bit has to be transmitted. Please refer to section
5.4.2 for details.
When OOK modulation is used, the PA bias voltages are ramped up and down smoothly when the PA is turned on
and off, to reduce spectral splatter.
Note
the transmitter must be restarted if the PaRamp setting is changed, in order to recalibrate the built-in filter.
3.3.6. Power Amplifiers
Three power amplifier blocks are embedded in the RF69. The first one, herein referred to as PA0, can generate up to
+13 dBm into a 50 Ohm load. PA0 shares a common front-end pin RFIO (pin 21) with the receiver LNA.
PA1 and PA2 are both connected to pin PA_BOOST (pin 23), allowing for two distinct power ranges:
 A low power mode, where -2 dBm < Pout < 13 dBm, with PA1 enabled
 A higher power mode, when PA1 and PA2 are combined, providing up to +20 dBm to a matched load.
When PA1 and PA2 are combined to deliver +20 dBm to the antenna, a specific impedance matching / harmonic filtering
design is required to ensure impedance transformation and regulatory compliance.
All PA settings are controlled by RegPaLevel, and the truth table of settings is given in Table 10.
Table 10 Power Amplifier Mode Selection Truth Table
Pa0On
Pa1On
Pa2On
Mode
Power Range
Pout Formula
1
0
0
PA0 output on pin RFIO
-18 to +13 dBm
-18 dBm + OutputPower
0
1
0
PA1 enabled on pin PA_BOOST
-2 to +13 dBm
-18 dBm + OutputPower
0
1
1
PA1 and PA2 combined on pin PA_BOOST
+2 to +17 dBm
-14 dBm + OutputPower
0
1
1
PA1+PA2 on PA_BOOST with high output
power +20dBm settings (see 3.3.7)
+5 to +20 dBm
-11 dBm + OutputPower
Other combinations
Reserved
Notes - To ensure correct operation at the highest power levels, please make sure to adjust the Over Current Protection
Limit accordingly in RegOcp, except above +18dBm where it must be disabled
- If PA_BOOST pin is not used (+13dBm applications and less), the pin can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com