Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 39Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 40Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 43Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 45Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
RF69
Page 41
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Idle
Rx
Idle
Rx
Upon detection of a valid packet, the sequencing is altered, as shown below:
PayloadReady
ListenCriteria
passed
ListenEnd = 00
Idle
Rx
Listen Mode
ListenEnd = 01
ListenEnd = 10
Listen Mode
Listen Mode
Idle
Rx
Mode
Figure 22. Listen Mode Sequence (wanted signal is received)
4.3.4. Stopping Listen Mode
To abort Listen mode operation, the following procedure must be respected:
 Program RegOpMode with ListenOn=0, ListenAbort=1, and the desired setting for the Mode bits (Sleep, Stdby, FS, Rx
or Tx mode) in a single SPI access
 Program RegOpMode with ListenOn=0, ListenAbort=0, and the desired setting for the Mode bits (Sleep, Stdby, FS, Rx
or Tx mode) in a second SPI access
4.3.5. RC Timer Accuracy
All timings of the Listen Mode rely on the accuracy of the internal low-power RC oscillator. This oscillator is automatically
calibrated at the device power-up, and it is a user-transparent process.
For applications enduring large temperature variations, and for which the power supply is never removed, RC calibration
can be performed upon user request. RcCalStart in RegOsc1 can be used to trigger this calibration, and the flag
RcCalDone will be set automatically when the calibration is over.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com