Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 72Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 77Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
RF69
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
RegFifoThresh
(0x3C)
7
TxStartCondition
rw
1
*
Defines the condition to start packet transmission :
0 → FifoLevel (i.e. the number of bytes in the FIFO
exceeds FifoThreshold)
1 → FifoNotEmpty (i.e. at least one byte in the FIFO)
6-0
FifoThreshold
rw
0001111 Used to trigger FifoLevel interrupt.
RegPacketConfig2
(0x3D)
7-4
InterPacketRxDelay
rw
0000
After PayloadReady occurred, defines the delay between
FIFO empty and the start of a new RSSI phase for next
packet. Must match the transmitter
‟ s PA ramp-down
time.
- Tdelay = 0 if InterpacketRxDelay >= 12
- Tdelay = (2InterpacketRxDelay) / BitRate otherwise
3
-
rw
0
unused
2
RestartRx
w
0
Forces the Receiver in WAIT mode, in Continuous Rx
mode.
Always reads 0.
1
AutoRxRestartOn
rw
1
Enables automatic Rx restart (RSSI phase) after
PayloadReady occurred and packet has been completely
read from FIFO:
0 → Off. RestartRx can be used.
1 → On. Rx automatically restarted after
InterPacketRxDelay.
0
AesOn
rw
0
Enable the AES encryption/decryption:
0 → Off
1 → On (payload limited to 66 bytes maximum)
RegAesKey1
(0x3E)
7-0
AesKey(127:120)
w
0x00
1st byte of cipher key (MSB byte)
RegAesKey2
(0x3F)
7-0
AesKey(119:112)
w
0x00
2nd byte of cipher key
RegAesKey3
(0x40)
7-0
AesKey(111:104)
w
0x00
3rd byte of cipher key
RegAesKey4
(0x41)
7-0
AesKey(103:96)
w
0x00
4th byte of cipher key
RegAesKey5
(0x42)
7-0
AesKey(95:88)
w
0x00
5th byte of cipher key
RegAesKey6
(0x43)
7-0
AesKey(87:80)
w
0x00
6th byte of cipher key
RegAesKey7
(0x44)
7-0
AesKey(79:72)
w
0x00
7th byte of cipher key
RegAesKey8
(0x45)
7-0
AesKey(71:64)
w
0x00
8th byte of cipher key
RegAesKey9
(0x46)
7-0
AesKey(63:56)
w
0x00
9th byte of cipher key
RegAesKey10
(0x47)
7-0
AesKey(55:48)
w
0x00
10th byte of cipher key
RegAesKey11
(0x48)
7-0
AesKey(47:40)
w
0x00
11th byte of cipher key
RegAesKey12
(0x49)
7-0
AesKey(39:32)
w
0x00
12th byte of cipher key
RegAesKey13
(0x4A)
7-0
AesKey(31:24)
w
0x00
13th byte of cipher key
Page 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com