Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
RF69
Page 22
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Pout on PA0 [dB m ]
Pout on PA1 [dB m ]
Pout on PA1+ PA2 [dBm ]
P out on PA1+ PA2 with 20dB m s ettings [dB m ]
3.3.7. High Power Settings
The RF69 has a high power +20 dBm capability on PA_BOOST pin, with the following settings:
Table 11 High Power Settings
Register
Address
Value for
High Power
Value for Rx
or PA0 use
Description
RegOcp
0x13
0x0F
0x1x
OCP control
RegTestPa1
0x5A
0x5D
0x55
High power PA control
RegTestPa2
0x5C
0x7C
0x70
High power PA control
Note
High Power settings MUST be turned off when using PA0, and in Receive mode
The Duty Cycle of transmission at +20dBm is limited to 1%, with a maximum VSWR of 3:1 at antenna port, over the
standard operating range [-40;+85°
C].
3.3.8. Output Power Summary
The curves below summarize the possible PA options on the RF69:
P out vs. P ro gra m me d Po w e r
22
18
14
10
6
2
-2
-6
-10
-14
-18
-22
-18
-14
-10
-6
-2
2
6
10
14
18
Pr o g r am m e d Po w e r [d Bm ]
Figure 6. Output Power Curves
3.3.9. Over Current Protection
An over current protection block is built-in the chip. It helps preventing surge currents required when the transmitter is used
at its highest power levels, thus protecting the battery that may power the application. The current clamping value is
controlled by OcpTrim bits in RegOcp, and is calculated with the following formula:
Imax = 45 + 5 


Note
Imax sets a limit on the current drain of the Power Amplifier only, hence the maximum current drain of the
RF69 is equal to Imax + IFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com