Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 72Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
RF69
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.6. Packet Engine Registers
Table 28 Packet Engine Registers
Name
(Address)
Bits Variable Name
Mode
Default
Value
Description
RegPreambleMsb
(0x2c)
7-0
PreambleSize(15:8)
rw
0x00
Size of the preamble to be sent (from TxStartCondition
fulfilled). (MSB byte)
RegPreambleLsb
(0x2d)
7-0
PreambleSize(7:0)
rw
0x03
Size of the preamble to be sent (from TxStartCondition
fulfilled). (LSB byte)
RegSyncConfig
(0x2e)
7
SyncOn
rw
1
Enables the Sync word generation and detection:
0 → Off
1 → On
6
FifoFillCondition
rw
0
FIFO filling condition:
0 → if SyncAddress interrupt occurs
1 → as long as FifoFillCondition is set
5-3
SyncSize
rw
011
Size of the Sync word:
(SyncSize + 1) bytes
2-0
SyncTol
rw
000
Number of tolerated bit errors in Sync word
RegSyncValue1
(0x2f)
7-0
SyncValue(63:56)
rw
0x01
*
1st byte of Sync word. (MSB byte)
Used if SyncOn is set.
RegSyncValue2
(0x30)
7-0
SyncValue(55:48)
rw
0x01
*
2nd byte of Sync word
Used if SyncOn is set and (SyncSize +1) >= 2.
RegSyncValue3
(0x31)
7-0
SyncValue(47:40)
rw
0x01
*
3rd byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 3.
RegSyncValue4
(0x32)
7-0
SyncValue(39:32)
rw
0x01
*
4th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 4.
RegSyncValue5
(0x33)
7-0
SyncValue(31:24)
rw
0x01
*
5th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 5.
RegSyncValue6
(0x34)
7-0
SyncValue(23:16)
rw
0x01
*
6th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 6.
RegSyncValue7
(0x35)
7-0
SyncValue(15:8)
rw
0x01
*
7th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 7.
RegSyncValue8
(0x36)
7-0
SyncValue(7:0)
rw
0x01
*
8th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) = 8.
Page 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com