Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
RF69
Page 62
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Address
Register Name
Reset
(built-in)
Default
(recom
mended)
Description
0x3E-0x4D
RegAesKey1-16
0x00
16 bytes of the cypher key
0x4E
RegTemp1
0x01
Temperature Sensor control
0x4F
RegTemp2
0x00
Temperature readout
0x58
RegTestLna
0x1B
Sensitivity boost
0x5A
RegTestPa1
0x55
High Power PA settings
0x5C
RegTestPa2
0x70
High Power PA settings
0x6F
RegTestDagc
0x00
0x30
Fading Margin Improvement
0x71
RegTestAfc
0x00
AFC offset for low modulation index AFC
0x50 +
RegTest
-
Internal test registers
Note
- Reset values are automatically refreshed in the chip at Power On Reset
- Default values are recommended register values, optimizing the device operation
- Registers for which the Default value differs from the Reset value are denoted by a * in the tables of section 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com