Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 49Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 50Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 51Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
RF69
Page 52
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
DC free Data encoding
CRC checksum calculation
AES Enc/Dec
Preamble
0 to 65535
bytes
Sync W ord
0 to 8 bytes
Address
byte
Message
Up to 255 bytes
CRC
2-bytes
Payload
(min 1 byte)
Fields added by the packet handler in Tx and processed and removed in Rx
Optional User provided fields which are part of the payload
Message part of the payload
Figure 33. Fixed Length Packet Format
5.5.2.2. Variable Length Packet Format
Variable length packet format is selected when bit PacketFormat is set to 1.
This mode is useful in applications where the length of the packet is not known in advance and can vary over time. It is then
necessary for the transmitter to send the length information together with each packet in order for the receiver to operate
properly.
In this mode the length of the payload, indicated by the length byte, is given by the first byte of the FIFO and is limited to
255 bytes if AES is not enabled else the message is limited to 64 bytes (i.e. max 66 bytes payload if Address byte is
enabled). Note that the length byte itself is not included in its calculation. In this mode, the payload must contain at least 2
bytes, i.e. length + address or message byte.
An illustration of a variable length packet is shown below. It contains the following fields:
 Preamble (1010...)
 Sync word (Network ID)
 Length byte
 Optional Address byte (Node ID)
 Message data
 Optional 2-bytes CRC checksum
DC free Data encoding
CRC checksum calculation
AES Enc/Dec
Preamble
0 to 65535
bytes
Sync W ord
0 to 8 bytes
Length
byte
Address
byte
Message
Up to 255 bytes
CRC
2-bytes
Payload
(min 2 bytes)
Fields added by the packet handler in Tx and processed and removed in Rx
Optional User provided fields which are part of the payload
Message part of the payload
Figure 34. Variable Length Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com