Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 77Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 78Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 79Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 80Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 81Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
RF69
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Table 32 +13dBm BOM
Designator
315 MHz
433 MHz
868 MHz
915 MHz
Type
C8, C9, C10, C13
100 nF
X7R
C1
10 nF
X7R
C11, C12
15 pF
COG
L1
1.5 nH
10 nH
4.7 nH
3.9 nH
Wirewound air core
or multilayer*
L2
33 nH
33 nH
33 nH
33 nH
L3
22 nH
12 nH
6.8 nH
6.8 nH
L4
18 nH
10 nH
6.8 nH
6.8 nH
C2
15 pF
15 pF
5.6 pF
4.7 pF
COG
C3
33 pF
22 pF
47 pF
8.2 pF
C4
-
2.7 pF
-
-
C5
15 pF
15 pF
8.2 pF
6.8 pF
C6
-
-
-
-
C7
12 pF
8.2 pF
6.8 pF
5.6 pF
Figure 42. +17/20dBm Schematic
Table 33 +17/20dBm BOM
Designator
315 MHz
433 MHz
868 MHz
915 MHz
Type
C8, C9, C10, C13
100 nF
X7R
C1
10 nF
X7R
C11, C12
15 pF
COG
L1
1.5 nH
1.5 nH
2.2 nH
2.7 nH
Wirewound air core
or multilayer (1)
L2
33 nH
22 nH
22 nH
22 nH
L3
22 nH
12 nH
5.6 nH
5.6 nH
L4
33 nH
15 nH
5.6 nH
5.6 nH
L5
39 nH
33 nH
-
-
Page 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com