Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
RF69
Page 8
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
This product datasheet contains a detailed description of the RF69 performance and functionality.
1. General Description
The RF69 is a single-chip integrated circuit ideally suited for today's high performance ISM band RF applications. The
RF69's advanced features set, including state of the art packet engine greatly simplifies system design whilst the high
level of integration reduces the external BOM to a handful of passive decoupling and matching components. It is intended
for use as high-performance, low-cost FSK and OOK RF transceiver for robust frequency agile, half-duplex bi-directional
RF links, and where stable and constant RF performance is required over the full operating range of the device down to
1.8V.
The RF69 is intended for applications over a wide frequency range, including the 433 MHz and 868 MHz European and
the 902-928 MHz North American ISM bands. Coupled with a link budget in excess of 140 dB, the advanced system
features of the RF69 include a 66 byte TX/RX FIFO, configurable automatic packet handler, listen mode, temperature
sensor and configurable DIOs which greatly enhance system flexibility whilst at the same time significantly reducing MCU
requirements.
The RF69 complies with both ETSI and FCC regulatory requirements and is available in a 5x 5 mm QFN 28 lead
package
1.1. Simplified Block Diagram
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com