Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 72Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
RF69
Page 68
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
RegOokPeak
(0x1B)
7-6
OokThreshType
rw
01
Selects type of threshold in the OOK data slicer:
00 → fixed
10 → average
01 → peak
11 → reserved
5-3
OokPeakTheshStep
rw
000
Size of each decrement of the RSSI threshold in the OOK
demodulator:
000 → 0.5 dB
001 → 1.0 dB
010 → 1.5 dB
011 → 2.0 dB
100 → 3.0 dB
101 → 4.0 dB
110 → 5.0 dB
111 → 6.0 dB
2-0
OokPeakThreshDec
rw
000
Period of decrement of the RSSI threshold in the OOK
demodulator:
000 → once per chip
001 → once every 2 chips
010 → once every 4 chips
011 → once every 8 chips
100 → twice in each chip
101 → 4 times in each chip
110 → 8 times in each chip
111 → 16 times in each chip
RegOokAvg
(0x1C)
7-6
OokAverageThreshFilt
rw
10
Filter coefficients in average mode of the OOK
demodulator:
00 → fC ≈ chip rate / 32.π
01 → fC ≈ chip rate / 8.π
10 → fC ≈ chip rate / 4.π
11 →fC ≈ chip rate / 2.π
5-0
-
r
000000 unused
RegOokFix
(0x1D)
7-0
OokFixedThresh
rw
0110
(6dB)
Fixed threshold value (in dB) in the OOK demodulator.
Used when OokThresType = 00
RegAfcFei
(0x1E)
7
-
r
0
unused
6
FeiDone
r
0
0 → FEI is on-going
1 → FEI finished
5
FeiStart
w
0
Triggers a FEI measurement when set. Always reads 0.
4
AfcDone
r
1
0 → AFC is on-going
1 → AFC has finished
3
AfcAutoclearOn
rw
0
Only valid if AfcAutoOn is set
0 → AFC register is not cleared before a new AFC phase
1 → AFC register is cleared before a new AFC phase
2
AfcAutoOn
rw
0
0 → AFC is performed each time AfcStart is set
1 → AFC is performed each time Rx mode is entered
1
AfcClear
w
0
Clears the AfcValue if set in Rx mode. Always reads 0
0
AfcStart
w
0
Triggers an AFC when set. Always reads 0.
RegAfcMsb
(0x1F)
7-0
AfcValue(15:8)
r
0x00
MSB of the AfcValue, 2
‟ s complement format
RegAfcLsb
(0x20)
7-0
AfcValue(7:0)
r
0x00
LSB of the AfcValue, 2
‟ s complement format
Frequency correction = AfcValue x Fstep
RegFeiMsb
(0x21)
7-0
FeiValue(15:8)
r
-
MSB of the measured frequency offset, 2
‟ s complement
RegFeiLsb
(0x22)
7-0
FeiValue(7:0)
r
-
LSB of the measured frequency offset, 2
‟ s complement
Frequency error = FeiValue x Fstep
RegRssiConfig
(0x23)
7-2
-
r
000000 unused
1
RssiDone
r
1
0 → RSSI is on-going
1 → RSSI sampling is finished, result available
0
RssiStart
w
0
Trigger a RSSI measurement when set. Always reads 0.
RegRssiValue
(0x24)
7-0
RssiValue
r
0xFF
Absolute value of the RSSI in dBm, 0.5dB steps.
RSSI = -RssiValue/2 [dBm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com