Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 72Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
RF69
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
RegPacketConfig1
(0x37)
7
PacketFormat
rw
0
Defines the packet format used:
0 → Fixed length
1 → Variable length
6-5
DcFree
rw
00
Defines DC-free encoding/decoding performed:
00 → None (Off)
01 → Manchester
10 → Whitening
11 → reserved
4
CrcOn
rw
1
Enables CRC calculation/check (Tx/Rx):
0 → Off
1 → On
3
CrcAutoClearOff
rw
0
Defines the behavior of the packet handler when CRC
check fails:
0 → Clear FIFO and restart new packet reception. No
PayloadReady interrupt issued.
1 → Do not clear FIFO. PayloadReady interrupt issued.
2-1
AddressFiltering
rw
00
Defines address based filtering in Rx:
00 → None (Off)
01 → Address field must match NodeAddress
10 → Address field must match NodeAddress or
BroadcastAddress
11 → reserved
0
-
rw
0
unused
RegPayloadLength
(0x38)
7-0
PayloadLength
rw
0x40
If PacketFormat = 0 (fixed), payload length.
If PacketFormat = 1 (variable), max length in Rx, not used
in Tx.
RegNodeAdrs
(0x39)
7-0
NodeAddress
rw
0x00
Node address used in address filtering.
RegBroadcastAdrs
(0x3A)
7-0
BroadcastAddress
rw
0x00
Broadcast address used in address filtering.
RegAutoModes
(0x3B)
7-5
EnterCondition
rw
000
Interrupt condition for entering the intermediate mode:
000 → None (AutoModes Off)
001 → Rising edge of FifoNotEmpty
010 → Rising edge of FifoLevel
011 → Rising edge of CrcOk
100 → Rising edge of PayloadReady
101 → Rising edge of SyncAddress
110 → Rising edge of PacketSent
111 → Falling edge of FifoNotEmpty (i.e. FIFO empty)
4-2
ExitCondition
rw
000
Interrupt condition for exiting the intermediate mode:
000 → None (AutoModes Off)
001 → Falling edge of FifoNotEmpty (i.e. FIFO empty)
010 → Rising edge of FifoLevel or Timeout
011 → Rising edge of CrcOk or Timeout
100 → Rising edge of PayloadReady or Timeout
101 → Rising edge of SyncAddress or Timeout
110 → Rising edge of PacketSent
111 → Rising edge of Timeout
1-0
IntermediateMode
rw
00
Intermediate mode:
00 → Sleep mode (SLEEP)
01 → Standby mode (STDBY)
10 → Receiver mode (RX)
11 → Transmitter mode (TX)
Page 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com