Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF69 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
RF69
Page 10
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
1.3. Pin Description
Table 1
RF69 Pinouts
Number
Name
Type
Description
0
GROUND
-
Exposed ground pad
1
VBAT1
-
Supply voltage
2
VR_ANA
-
Regulated supply voltage for analogue circuitry
3
VR_DIG
-
Regulated supply voltage for digital blocks
4
XTA
I/O
XTAL connection
5
XTB
I/O
XTAL connection
6
RESET
I/O
Reset trigger input
7
NC
-
Connect to GND
8
DIO0
I/O
Digital I/O, software configured
9
DIO1/DCLK
I/O
Digital I/O, software configured
10
DIO2/DATA
I/O
Digital I/O, software configured
11
DIO3
I/O
Digital I/O, software configured
12
DIO4
I/O
Digital I/O, software configured
13
DIO5
I/O
Digital I/O, software configured
14
NC
-
Connect to GND
15
VBAT2
-
Supply voltage
16
GND
-
Ground
17
SCK
I
SPI Clock input
18
MISO
O
SPI Data output
19
MOSI
I
SPI Data input
20
NSS
I
SPI Chip select input
21
NC
-
Connect to GND
22
RXTX
O
Rx/Tx switch control: high in Tx
23
GND
-
Ground
24
RFIO
I/O
RF input / output
25
GND
-
Ground
26
PA_BOOST
O
Optional high-power PA output
27
VR_PA
-
Regulated supply for the PA
28
NC
-
Connect to GND
Note
PA_BOOST can be left floating if unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com